Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2123 Datasheet (PDF) - GTM CORPORATION

G2123 Datasheet PDF - GTM CORPORATION
Part # G2123
Download  G2123 Download
File Size   331.75 Kbytes
Page   5 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description CMOS Positive Voltage Regulator

G2123 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2123 Datasheet PDF - GTM CORPORATION

Part # G2123
Download  G2123 Click to download

File Size   331.75 Kbytes
Page   5 Pages
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION
Description CMOS Positive Voltage Regulator

G2123 Datasheet (HTML) - GTM CORPORATION


G2123 Product details

Description

The G2123 series of positive, linear regulators feature low quiescent current (30μA typ.) with low dropout voltage, making them ideal for battery applications.

These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the “Worst” of operating conditions.

The G2123 is stable with an output capacitance of 2.2μF or greater.



Features

• Very Low Dropout Voltage

• Guaranteed 300mA output

• Over-Temperature Shutdown

• Current Limiting

• Short Circuit Current Fold-back

• Factory Pre-set Output Voltage

• Highly Accurate± 1.5%

• Temperature Coefficient



Applications

• Battery Powered Widgets

• Instrumentation

• Wireless Devices

• Cordless Phones

• PC Peripherals

• Portable Electronics

• Electronic Scales



 




Similar Part No. - G2123

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G2123 ETL-G2123 Datasheet
346Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123-15 ETL-G2123-15 Datasheet
346Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123-25 ETL-G2123-25 Datasheet
346Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123-29 ETL-G2123-29 Datasheet
346Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123-2H ETL-G2123-2H Datasheet
346Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Similar Description - G2123

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G62FP GTM-G62FP Datasheet
1,002Kb / 7P
CMOS Positive Voltage Regulator
GL2136 GTM-GL2136 Datasheet
331Kb / 4P
CMOS POSITIVE VOLTAGE REGULATOR
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GM2116 GTM-GM2116 Datasheet
390Kb / 4P
CMOS POSITIVE VOLTAGE REGULATOR
GQ2123 GTM-GQ2123 Datasheet
542Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GQ2131 GTM-GQ2131 Datasheet
417Kb / 5P
CMOS POSITIVE VOLTAGE REGULATOR
GQ2133 GTM-GQ2133 Datasheet
498Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GQ2141 GTM-GQ2141 Datasheet
767Kb / 5P
CMOS POSITIVE VOLTAGE REGULATOR
GT2133 GTM-GT2133 Datasheet
437Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5M2111 SECOS-S5M2111 Datasheet
1Mb / 5P
CMOS Positive Voltage Regulator
More results




About GTM CORPORATION


GTM Corporation is a Japanese company that specializes in the design, development, and production of high-quality industrial automation systems and equipment. The company was founded in 1989 and is headquartered in Tokyo, Japan.

GTM Corporation offers a wide range of automation solutions, including custom-made systems for manufacturing, assembly, testing, and inspection processes. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries, including automotive, electronics, and medical equipment. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

GTM Corporation's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, GTM Corporation is a trusted provider of industrial automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com