Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2123 Datasheet (PDF) - E-Tech Electronics LTD

G2123 Datasheet PDF - E-Tech Electronics LTD
Part # G2123
Download  G2123 Download
File Size   346.58 Kbytes
Page   5 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description C M O S P o s i t i v e Vo l t a g e R e g u l a t o r

G2123 Datasheet (PDF)

Go To PDF Page Download Datasheet
G2123 Datasheet PDF - E-Tech Electronics LTD

Part # G2123
Download  G2123 Click to download

File Size   346.58 Kbytes
Page   5 Pages
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD
Description C M O S P o s i t i v e Vo l t a g e R e g u l a t o r

G2123 Datasheet (HTML) - E-Tech Electronics LTD


G2123 Product details

Description

The G2123 series of positive, linear regulators feature low quiescent current (30μA typ.) with low dropout voltage, making them ideal for battery applications.

These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under the “Worst” of operating conditions.

The G2123 is stable with an output capacitance of 2.2μF or greater.



Features

• Very Low Dropout Voltage

• Guaranteed 300mA output

• Over-Temperature Shutdown

• Current Limiting

• Short Circuit Current Fold-back

• Factory Pre-set Output Voltage

• Highly Accurate± 1.5%

• Temperature Coefficient



Applications

• Battery Powered Widgets

• Instrumentation

• Wireless Devices

• Cordless Phones

• PC Peripherals

• Portable Electronics

• Electronic Scales



 




Similar Part No. - G2123

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2123 GTM-G2123 Datasheet
331Kb / 5P
CMOS Positive Voltage Regulator
More results


Similar Description - G2123

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62VP ETL-G62VP Datasheet
1,011Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2163 ETL-GQ2163 Datasheet
560Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com