Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2245 Datasheet (PDF) - Micrel Semiconductor

MIC2245 Datasheet PDF - Micrel Semiconductor
Part # MIC2245
Download  MIC2245 Download
File Size   564.37 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 4MHz PWM Synchronous Buck Regulator with LDO Standby Mode

MIC2245 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2245 Datasheet PDF - Micrel Semiconductor

Part # MIC2245
Download  MIC2245 Click to download

File Size   564.37 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 4MHz PWM Synchronous Buck Regulator with LDO Standby Mode

MIC2245 Datasheet (HTML) - Micrel Semiconductor


MIC2245 Product details

General Description
The Micrel MIC2245 is a high efficiency 4MHz pulse width modulated (PWM) synchronous buck (stepdown) regulator that features a LOWQ™ LDO standby mode that draws only 18µA of quiescent current. The MIC2245 allows an ultra-low noise, small size, and high efficiency solution for portable power applications.

Features
• 2.7 to 5.5V supply/input voltage
• Light load LOWQ™ LDO mode
    20µA quiescent current
    Low noise, 75µVrms
• 4MHz PWM mode
    Output current to 500mA
    >92% efficiency
    100% maximum duty cycle
• Adjustable output voltage option down to 1V
    Fixed output voltage options available
• Ultra-fast transient response
• Uses a tiny 1µH inductor
• Fully integrated MOSFET switches
• Micropower shutdown operation
• Thermal shutdown and current limit protection
• Pb-free 10-pin 3mm x 3mm MLF™ package
• –40°C to +125°C junction temperature range

Applications
• Cellular phones
• PDAs
• USB peripherals




Similar Part No. - MIC2245

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400 Datasheet
1,018Kb / 19P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400 MICREL-MIC22400 Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1,018Kb / 19P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400YML MICREL-MIC22400YML Datasheet
1Mb / 28P
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
More results


Similar Description - MIC2245

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2285 MICREL-MIC2285 Datasheet
559Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC23051 MICREL-MIC23051 Datasheet
797Kb / 13P
4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
MIC2285A MICREL-MIC2285A Datasheet
551Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC23603 MICREL-MIC23603 Datasheet
2Mb / 19P
4MHz PWM 6A Buck Regulator
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
4MHz, PWM, 2A Buck Regulator with HyperLight Load
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com