Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3385 Datasheet (PDF) - Micrel Semiconductor

MIC3385 Datasheet PDF - Micrel Semiconductor
Part # MIC3385_10
Download  MIC3385 Download
File Size   558.91 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8MHz Inductorless Buck Regulator with LDO Standby Mode

MIC3385 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3385 Datasheet PDF - Micrel Semiconductor

Part # MIC3385_10
Download  MIC3385 Click to download

File Size   558.91 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8MHz Inductorless Buck Regulator with LDO Standby Mode

MIC3385 Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC3385_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3385-1.5YHL MICREL-MIC3385-1.5YHL Datasheet
547Kb / 15P
8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
8MHz Inductorless Buck Regulator with LDO Standby Mode
More results


Similar Description - MIC3385_10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
Inductorless -2x Boost/Buck Regulator
2002
logo
Micrel Semiconductor
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2285 MICREL-MIC2285 Datasheet
559Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385 Datasheet
672Kb / 15P
8MHz Power System Module with LDO Standby Mode
MIC2245 MICREL-MIC2245 Datasheet
564Kb / 14P
4MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2285A MICREL-MIC2285A Datasheet
551Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC23030 MICREL-MIC23030 Datasheet
694Kb / 17P
8MHz PWM 400mA Buck Regulator with HyperLight Load
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
logo
Leshan Radio Company
LR8555 LRC-LR8555 Datasheet
635Kb / 9P
Low noise 150mA LDO regulator Standby Mode : 0.1
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
8MHz Inductorless Buck Regulator with LDO Standby Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com