Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1142 Datasheet (PDF) - Microchip Technology

TC1142 Datasheet PDF - Microchip Technology
Part # TC1142
Download  TC1142 Download
File Size   419.9 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Inductorless -2x Boost/Buck Regulator

TC1142 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1142 Datasheet PDF - Microchip Technology

Part # TC1142
Download  TC1142 Click to download

File Size   419.9 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Inductorless -2x Boost/Buck Regulator

TC1142 Datasheet (HTML) - Microchip Technology


TC1142 Product details

General Description
The TC1142 generates a regulated negative voltage from -3V to -5V at 20mA from an input of 2.5V to 5.5V, using only three external capacitors. Other boost/buck switching regulators must use an inductor, which is larger and radiates EMI. An internal voltage comparator inhibits the charge pump when VOUT is more negative than the regulated value (per the ordering option). The values of flying capacitors C1 and C2 are chosen to be less than COUT in order to reduce the ripple generated from regulating VOUT in this manner. The TC1142 also can be used as a -1x buck regulator by omitting C2, and connecting the C2 pin to VOUT.

Features
• Input Range 2.5V to 5.5V
• Regulated Output Options from -3.0 to -5.0V
• Output Current 20mA (max)
• 200kHz Internal Oscillator Frequency
• External Synchronizing Clock Input
• Logic Level Shutdown
    - 1µA (max) Supply Current
• Available in 8-Pin MSOP Package

Applications
• Cellular Phones
• Battery Powered/Portable Equipment




Similar Part No. - TC1142

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TC114-2830-L-S SAMTEC-TC114-2830-L-S Datasheet
209Kb / 2P
ACCLIMATE DISCRETE WIRE TERMINAL
logo
SeCoS Halbleitertechnol...
TC114TSA SECOS-TC114TSA Datasheet
199Kb / 2P
NPN Digital Transistors (Built-in Resistors)
TC114WSA SECOS-TC114WSA Datasheet
386Kb / 2P
NPN Digital Transistors (Built-in Resistors)
logo
France Joint
TC114X135X12 FRANCEJOINT-TC114X135X12 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
logo
SeCoS Halbleitertechnol...
TC114YSA SECOS-TC114YSA Datasheet
255Kb / 2P
NPN Digital Transistors (Built-in Resistors)
More results


Similar Description - TC1142

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
8MHz Inductorless Buck Regulator with LDO Standby Mode
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Texas Instruments
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
BUCK/BOOST SWITCH-MODE REGULATOR
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
8MHz Inductorless Buck Regulator with LDO Standby Mode
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
Buck or buck-boost pre-regulator
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
FAN49103 ONSEMI-FAN49103 Datasheet
1Mb / 21P
TinyPower I2C Buck-Boost Regulator
December 2017 Rev.2
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com