Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1142 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1142
Description  Inductorless -2x Boost/Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1142 Datasheet(HTML) 3 Page - Microchip Technology

  TC1142 Datasheet HTML 1Page - Microchip Technology TC1142 Datasheet HTML 2Page - Microchip Technology TC1142 Datasheet HTML 3Page - Microchip Technology TC1142 Datasheet HTML 4Page - Microchip Technology TC1142 Datasheet HTML 5Page - Microchip Technology TC1142 Datasheet HTML 6Page - Microchip Technology TC1142 Datasheet HTML 7Page - Microchip Technology TC1142 Datasheet HTML 8Page - Microchip Technology TC1142 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2002 Microchip Technology Inc.
DS21360B-page 3
TC1142
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin MSOP)
Symbol
Description
1VOUT
Regulated negative output voltage.
2C2–
Negative terminal of flying capacitor C2.
3C2+
Positive terminal of flying capacitor C2.
4C1–
Negative terminal of flying capacitor C1.
5
GND
Power supply ground.
6C1+
Positive terminal of flying capacitor C1.
7VIN
Power supply positive voltage input (2.5V to 5.5V).
8
CCLK
Clock control input:
If low, the TC1142 is in Shutdown mode (1
µA, max).
If high, the TC1142 runs off the internal oscillator (200kHz, typ.).
CCLK can be overridden by an external oscillator from 3kHz to 500kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com