Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1142 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1142
Description  Inductorless -2x Boost/Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1142 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1142 Datasheet HTML 3Page - Microchip Technology TC1142 Datasheet HTML 4Page - Microchip Technology TC1142 Datasheet HTML 5Page - Microchip Technology TC1142 Datasheet HTML 6Page - Microchip Technology TC1142 Datasheet HTML 7Page - Microchip Technology TC1142 Datasheet HTML 8Page - Microchip Technology TC1142 Datasheet HTML 9Page - Microchip Technology TC1142 Datasheet HTML 10Page - Microchip Technology TC1142 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 2002 Microchip Technology Inc.
DS21360B-page 7
TC1142
TABLE 3-2:
LOW ESR SURFACE-MOUNT
CAPACITOR
MANUFACTURERS
3.3
Power Efficiency
Assuming the output is loaded with at least 20% of the
maximum available output current, the power efficiency
of the TC1142 can be estimated using the following
equation:
EQUATION 3-5:
For example, a 3.2 Volt VIN, and a -5 Volt VR will have
an efficiency of approximately 78%. For loads less than
20% of the maximum available output current, the
power efficiency will be substantially reduced. Other
factors that affect the actual efficiency include:
1.
Losses from power consumed by the internal
oscillator (if used).
2.
I2R losses due to the on-resistance of the
MOSFET charge pump switches.
3.
Charge pump capacitor losses due to ESR.
4.
Losses that occur during charge transfer (from
the flying capacitors to the output capacitor)
when a voltage difference exists between these
capacitors.
3.4
Choice of -2x or -1x Connections
If required output voltage can be achieved using a -1x
configuration then this is preferred for the following
reasons:
1.
Power efficiency is improved from VR/2VIN to
VR/VIN
2.
Only one flying capacitor needed
3.
The output ripple becomes proportional to
VIN – VR rather than 2 VIN – VR.
3.5
Layout Considerations
Proper layout is important to obtain optimal perfor-
mance. Mount capacitors as close to their connecting
device pins as possible to minimize stray inductance
and capacitance. It is recommended that a large
ground plane be used to reduce noise leakage into
other circuitry.
FIGURE 3-4:
TIMING DIAGRAM
Manufacturer
Type
Phone
AVX Corp.
TPS series surface-mount
tantalum
X7R type surface-mount
ceramic
803-448-9411
Matsuo
267 series surface-mount
tantalum
X7R type surface-mount
ceramic
714-969-2491
Sprague
593D, 594D, 595D series
surface-mount tantalum
207-324-4140
Murata
Ceramic chip capacitors
800-831-9172
Taiyo Yuden
Ceramic chip capacitors
800-348-2496
Tokin
Ceramic chip capacitors
408-432-8020
η = |VR|
2(VIN)
CCLK
VOUT
–VR
Internal
Oscillator
Shutdown
External
Clock
Shutdown
t0 = counter timeout (~160 µsec)
t0
VIL
GND
VIH
t0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com