Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1142 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1142
Description  Inductorless -2x Boost/Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1142 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1142 Datasheet HTML 2Page - Microchip Technology TC1142 Datasheet HTML 3Page - Microchip Technology TC1142 Datasheet HTML 4Page - Microchip Technology TC1142 Datasheet HTML 5Page - Microchip Technology TC1142 Datasheet HTML 6Page - Microchip Technology TC1142 Datasheet HTML 7Page - Microchip Technology TC1142 Datasheet HTML 8Page - Microchip Technology TC1142 Datasheet HTML 9Page - Microchip Technology TC1142 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC1142
DS21360B-page 6
 2002 Microchip Technology Inc.
3.1
Output Voltage and Ripple
For a -2x boost:
In this case, the output voltage is given by:
EQUATION 3-1:
Here, f is the clock frequency and RS is the total ON
resistance of the switches connecting C2 to GND and
VOUT in phase 2 of the charge pump operating cycle
with the equivalent series resistance (ESR) of C2.
The output ripple voltage is given by:
EQUATION 3-2:
Here, ESR is the equivalent series resistance of COUT.
In this case, the TC1142 is held in phase 2 until the
output voltage drops below VR. When this occurs, the
TC1142 reverts to phase 1 for a half period of the clock,
during which C2 is charged from C1. At the end of this
half-period, C2 is reconnected to COUT to boost the
output voltage. During the phase 1 time period, the
output voltage will drop below VR before it is boosted
back, so the minimum output voltage is approximated
by:
EQUATION 3-3:
The output ripple voltage is given approximately by:
EQUATION 3-4:
For values of VIN higher than |VR/2| by several hundred
mV, the effect on ripple of the ESR of COUT can be
neglected compared to the “overdrive” effect of VIN.
Here, it can be seen that VRIPPLE increases with
increasing VIN, but can be minimized by choosing small
C1 and C2 values and a large COUT value.
3.2
Capacitor Selection
To maintain low output impedance and ripple, it is
recommended that capacitors with low equivalent
series resistance (ESR) be used. Additionally, larger
values of the output capacitor and smaller values of the
flying capacitors will reduce output ripple. For a
capacitor value of 4.7
µF for COUT, and values of
0.47
µF for C1 and C2, the typical output impedance of
the TC1142 in regulation is 0.5
Ω. For the capacitor ESR
not to have a noticeable effect on output impedance, it
should not be larger than 1/2fCOUT. This also makes its
effect on ripple voltage negligible. For VIN = 3.2V and
VR = -5V, the output ripple voltage is less than 70
mVPP. Table 3-1 summarizes output ripple versus
capacitor size for an input voltage of 3.2V and a
regulated output voltage of -5V.
Surface mount ceramic capacitors are preferred for
their small size, low cost and low ESR. Low ESR
tantalum capacitors also are acceptable. See Table 3-2
for a list of suggested capacitor suppliers.
TABLE 3-1:
VOLTAGE RIPPLE VS. C1/C2
FLYING CAPACITORS AND
OUTPUT CAPACITOR COUT
ESR = 0.1
Ω, IOUT = 20mA
a.) For unregulated operation when VIN ≤ |
|.
2
VR
VOUT = -|2VIN| + IOROUT
1
1
1
RSC2
f
C1
C2
(C2 + COUT)
)
(
+
+
where ROUT =
VRIPPLE = IORRIPPLE
1
1
ESR C2
2f(C2 + COUT) 2fCOUT (C2 + COUT)
+
+
where RRIPPLE =
b.) For regulated operation when VIN >
| |.
2
VR
VOUTMIN = -|VR| + IOROUT
where ROUT =
1
ESR C2
2fCOUT
(C2 + COUT)
+
VRIPPLE =
(2VIN – |VR| + ESR IOC2
)
N
+
()
C1
C2
1
1
1
1
C1
C2
)
( +
where N =
(C2 + COUT)
C1, C2
(
µF)
COUT
(
µF)
VIN
(V)
VOUT
(V)
VRIPPLE
(mV)
0.1
4.7
3.2
-5
14.6
0.22
4.7
3.2
-5
31.4
0.33
4.7
3.2
-5
46.1
0.47
4.7
3.2
-5
63.9
0.68
4.7
3.2
-5
88.7
1.0
4.7
3.2
-5
123.2
0.1
10
3.2
-5
7.0
0.22
10
3.2
-5
15.1
0.33
10
3.2
-5
22.4
0.47
10
3.2
-5
31.5
0.68
10
3.2
-5
44.7
1.0
10
3.2
-5
63.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com