Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1142 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1142
Description  Inductorless -2x Boost/Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1142 Datasheet(HTML) 1 Page - Microchip Technology

  TC1142 Datasheet HTML 1Page - Microchip Technology TC1142 Datasheet HTML 2Page - Microchip Technology TC1142 Datasheet HTML 3Page - Microchip Technology TC1142 Datasheet HTML 4Page - Microchip Technology TC1142 Datasheet HTML 5Page - Microchip Technology TC1142 Datasheet HTML 6Page - Microchip Technology TC1142 Datasheet HTML 7Page - Microchip Technology TC1142 Datasheet HTML 8Page - Microchip Technology TC1142 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2002 Microchip Technology Inc.
DS21360B-page 1
M
TC1142
Features
• Input Range 2.5V to 5.5V
• Regulated Output Options from -3.0 to -5.0V
• Output Current 20mA (max)
• 200kHz Internal Oscillator Frequency
• External Synchronizing Clock Input
• Logic Level Shutdown
-1
µA (max) Supply Current
• Available in 8-Pin MSOP Package
Applications
• Cellular Phones
• Battery Powered/Portable Equipment
Device Selection Table
*Other output voltages are available (-3.5V and -4.5V). Please
contact Microchip Technology Inc. for details.
Package Type
General Description
The TC1142 generates a regulated negative voltage
from -3V to -5V at 20mA from an input of 2.5V to 5.5V,
using only three external capacitors. Other boost/buck
switching regulators must use an inductor, which is
larger
and
radiates
EMI.
An
internal
voltage
comparator inhibits the charge pump when VOUT is
more negative than the regulated value (per the
ordering option). The values of flying capacitors C1 and
C2 are chosen to be less than COUT in order to reduce
the ripple generated from regulating VOUT in this
manner. The TC1142 also can be used as a -1x buck
regulator by omitting C2, and connecting the C2 pin to
VOUT.
The part goes into shutdown when the CCLK input is
driven low. When in shutdown mode, the part draws a
maximum of 1
µA. When CCLK is pulled high, the part
runs from the internal 200kHz oscillator. The device
may be run with an external clock, provided the
frequency is greater than 3kHz and less than 500kHz.
The TC1142 comes in a space-saving MSOP package.
Functional Block Diagram
Part
Number
Output
Voltage
(V)*
Package
Operating
Temp.
Range
TC1142-3.0EUA
3.0
8-Pin MSOP -40°C to +85°C
TC1142-4.0EUA
4.0
8-Pin MSOP -40°C to +85°C
TC1142-5.0EUA
5.0
8-Pin MSOP -40°C to +85°C
GND
C2–
1
2
3
4
8
7
6
5
TC1142
8-Pin MSOP
C2+
VOUT
C1–
VIN
C1+
CCLK
TC1142-50
CCLK
VOUT = -5.0V
GND
VIN
5.5V to 2.5V
0.47
µF
0.47
µF
C1
C2
4.7
µF
VOUT
ON
OSC
OVERRIDE
OFF
–2x Boost/Buck
COUT
+
–
TC1142-30
CCLK
VOUT = –3.0V
GND
VIN
5.5V to 3V
0.47
µFC1
C2–
4.7
µF
VOUT
OSC
OVERRIDE
–1x Buck
COUT
ON OFF
+
–
Inductorless -2x Boost/Buck Regulator


Similar Part No. - TC1142

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TC114-2830-L-S SAMTEC-TC114-2830-L-S Datasheet
209Kb / 2P
ACCLIMATE DISCRETE WIRE TERMINAL
logo
SeCoS Halbleitertechnol...
TC114TSA SECOS-TC114TSA Datasheet
199Kb / 2P
NPN Digital Transistors (Built-in Resistors)
TC114WSA SECOS-TC114WSA Datasheet
386Kb / 2P
NPN Digital Transistors (Built-in Resistors)
logo
France Joint
TC114X135X12 FRANCEJOINT-TC114X135X12 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
logo
SeCoS Halbleitertechnol...
TC114YSA SECOS-TC114YSA Datasheet
255Kb / 2P
NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - TC1142

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
8MHz Inductorless Buck Regulator with LDO Standby Mode
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Texas Instruments
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
BUCK/BOOST SWITCH-MODE REGULATOR
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
8MHz Inductorless Buck Regulator with LDO Standby Mode
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
Buck or buck-boost pre-regulator
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
FAN49103 ONSEMI-FAN49103 Datasheet
1Mb / 21P
TinyPower I2C Buck-Boost Regulator
December 2017 Rev.2
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com