Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1142 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1142
Description  Inductorless -2x Boost/Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1142 Datasheet(HTML) 4 Page - Microchip Technology

  TC1142 Datasheet HTML 1Page - Microchip Technology TC1142 Datasheet HTML 2Page - Microchip Technology TC1142 Datasheet HTML 3Page - Microchip Technology TC1142 Datasheet HTML 4Page - Microchip Technology TC1142 Datasheet HTML 5Page - Microchip Technology TC1142 Datasheet HTML 6Page - Microchip Technology TC1142 Datasheet HTML 7Page - Microchip Technology TC1142 Datasheet HTML 8Page - Microchip Technology TC1142 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC1142
DS21360B-page 4
 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1142 inductorless -2x boost/buck regulator is an
inverting charge pump that uses a pulse-frequency
modulation (PFM) control scheme to produce a
regulated negative output voltage, -VR, between -3V
and -5V (depending on the output voltage option) at
20mA maximum load. Output voltage regulation is
achieved by gating ON the clock to the charge pump for
a single half-clock period whenever the output is more
positive than VR, and gating it OFF when the output is
more negative than -VR. The resulting PFM of the clock
applied to the charge pump has a high frequency
spectral content consisting only of clock harmonics.
When using an external clock, the transient noise is
then synchronized to the clock and is easier to filter in
sensitive applications.
The TC1142 also can be used as a -1x boost/buck
regulator by omitting the C2 capacitor and connecting
the C2– pin to VOUT.
The PFM control scheme minimizes supply current at
small loads and permits the use of low value flying
capacitors, which saves on printed circuit board space
and cost. Due to the TC1142’s doubling and inverting
charge pump mechanism, the output voltage is limited
to -2VIN. To produce a -5V regulated output, for
example, a minimum input voltage of 2.5V is required
at VIN.
The CCLK pin of the TC1142 has three functions: It can
select the internal 200kHz oscillator (when held HIGH),
put the TC1142 into shutdown (when held LOW), or
provide an external clock input. To achieve this
functionality, an internal counter is reset by any positive
transition at the CCLK pin, but will time out in typically
160
µsec (i.e., a frequency higher than about 3kHz). If
the counter times out following the last positive
transition, then the internal clock will be gated through
to the charge pump if CCLK is HIGH, or the device will
enter shutdown mode if it is LOW. To enter shutdown,
CCLK must be LOW and the counter must have timed
out. These timing diagrams are shown in Figure 3-4.
A functional circuit diagram of the TC1142 is shown in
Figure 3-1. The output voltage VOUT is compared to an
on-chip reference voltage, and the comparator output
is used to gate the charge pump clock. The charge
pump is a negative voltage doubler and has two
phases of operation which are further illustrated in
Figure 3-2 and Figure 3-3. In phase 1, shown in
Figure 3-2, the flying capacitor C1 charges the flying
capacitor C2 while the device load is totally serviced by
the charge stored on the reservoir capacitor COUT. In
phase 2, shown in Figure 3-3, the capacitor C1 is
recharged to VIN while the capacitor C2 transfers its
charge to the reservoir capacitor COUT.
In normal operation, the TC1142 charge pump stays in
phase 2 and only switches to phase 1 as required to
maintain output voltage regulation.
FIGURE 3-1:
FUNCTIONAL CIRCUIT DIAGRAM
VIN
C1+
C1–
C2+
C2–
+
COUT
VOUT
+
–
1.2V
+
Clock
Circuit
OSC
Override
Shutdown
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com