Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP1759 Datasheet (PDF) - Vishay Siliconix

SIP1759 Datasheet PDF - Vishay Siliconix
Part # SIP1759
Download  SIP1759 Download
File Size   169.76 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Buck-Boost Regulator

SIP1759 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP1759 Datasheet PDF - Vishay Siliconix

Part # SIP1759
Download  SIP1759 Click to download

File Size   169.76 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Buck-Boost Regulator

SIP1759 Datasheet (HTML) - Vishay Siliconix


SIP1759 Product details

DESCRIPTION
The SiP1759 is a buck-boost regulating charge pump. It is designed to provide a regulated output from 1 cell Li Ion or 2/3 cell NiMH voltages found in handheld portable equipment, 1.6 V to 5.5 V. SiP1759 allows the option of a fixed 3.3 V output voltage, or an adjustable output which can be set from 2.5 V to 5.5 V. The output current is up to 100 mA.

FEATURES
• Output voltage - fixed 3.3 V or adjustable from 2.5 V to 5.5 V
• 1.6 V to 5.5 V input voltage range
• 100 mA output current
• 60 µA quiescent current
• Shutdown current < 1 µA
• Short circuit crotection
• Thermal shutdown
• MSOP-10 package

APPLICATIONS
• 1 cell Li ion battery powered equipment
• 2 to 3 cell NiMH battery powered equipment
• 2 to 3 cell alkaline battery powered equipment
• Backup battery boost converters




Similar Part No. - SIP1759

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
SIP1759DB VISHAY-SIP1759DB Datasheet
456Kb / 5P
100 mA Buck-Boost Regulator Demonstration Board
31-Jul-06
SIP1759DH-T1 VISHAY-SIP1759DH-T1 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
More results


Similar Description - SIP1759

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1142 MICROCHIP-TC1142 Datasheet
419Kb / 12P
Inductorless -2x Boost/Buck Regulator
2002
logo
Texas Instruments
TPIC74100-Q1 TI-TPIC74100-Q1 Datasheet
891Kb / 30P
BUCK/BOOST SWITCH-MODE REGULATOR
TPIC74101-Q1 TI1-TPIC74101-Q1 Datasheet
998Kb / 32P
BUCK/BOOST SWITCH-MODE REGULATOR
TPS55065-Q1 TI1-TPS55065-Q1 Datasheet
825Kb / 30P
BUCK/BOOST SWITCH-MODE REGULATOR
logo
Allegro MicroSystems
A4409 ALLEGRO-A4409 Datasheet
1Mb / 30P
Buck or buck-boost pre-regulator
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
Buck-Boost Regulator
November 2016 Rev. 1.4
FAN49101 ONSEMI-FAN49101 Datasheet
484Kb / 4P
TinyPower I2C Buck-Boost Regulator
September 2016 Rev.1.1
FAN49103 ONSEMI-FAN49103 Datasheet
1Mb / 21P
TinyPower I2C Buck-Boost Regulator
December 2017 Rev.2
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
Buck-Boost Regulator
03-Aug-09
logo
Renesas Technology Corp
ISL95338 RENESAS-ISL95338_V01 Datasheet
840Kb / 51P
Bidirectional Buck-Boost Voltage Regulator
Jul.18.19
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com