Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8376 Datasheet (PDF) - Analog Devices

AD8376 Datasheet PDF - Analog Devices
Part # AD8376_V01
Download  AD8376 Download
File Size   1191.58 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Distortion IF Dual VGA

AD8376 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8376 Datasheet PDF - Analog Devices

Part # AD8376_V01
Download  AD8376 Click to download

File Size   1191.58 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Distortion IF Dual VGA

AD8376 Datasheet (HTML) - Analog Devices


AD8376 Product details

FEATURES
Dual independent digitally controlled VGAs
Bandwidth of 700 MHz (−3 dB)
Gain range: −4 dB to +20 dB
Step size: 1 dB ± 0.2 dB
Differential input and output
Noise figure: 8.7 dB @ maximum gain
Output IP3 of ~50 dBm at 200 MHz
Output P1dB of 20 dBm at 200 MHz
Dual parallel 5-bit control interface
Provides constant SFDR vs. gain
Power-down control
Single 5 V supply operation
32-lead, 5 mm x 5 mm LFCSP
APPLICATIONS
Differential ADC drivers
Main and diversity IF sampling receivers
Wideband multichannel receivers
Instrumentation




Similar Part No. - AD8376_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8376-EVALZ AD-AD8376-EVALZ Datasheet
620Kb / 12P
Ultra Low Distortion IF Dual VGA
AD8376-EVALZ AD-AD8376-EVALZ Datasheet
935Kb / 24P
Ultralow Distortion IF Dual VGA
REV. A
AD8376-EVALZ AD-AD8376-EVALZ Datasheet
1Mb / 24P
Ultralow Distortion IF Dual VGA
10/13-Rev. A to Rev. B
AD8376ACPZ-R7 AD-AD8376ACPZ-R7 Datasheet
935Kb / 24P
Ultralow Distortion IF Dual VGA
REV. A
AD8376ACPZ-R7 AD-AD8376ACPZ-R7 Datasheet
1Mb / 24P
Ultralow Distortion IF Dual VGA
10/13-Rev. A to Rev. B
More results


Similar Description - AD8376_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8376 AD-AD8376 Datasheet
620Kb / 12P
Ultra Low Distortion IF Dual VGA
AD8599 AD-AD8599 Datasheet
449Kb / 16P
Dual Ultralow Distortion, Ultralow Noise Op Amp
2/07-Revision 0
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8375 AD-AD8375_1 Datasheet
792Kb / 24P
Ultralow Distortion IF VGA
REV. 0
AD8376 AD-AD8376_1 Datasheet
935Kb / 24P
Ultralow Distortion IF Dual VGA
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8375 AD-AD8375_15 Datasheet
716Kb / 24P
Ultralow Distortion IF VGA
REV. A
AD8375 AD-AD8375_17 Datasheet
735Kb / 24P
Ultralow Distortion IF VGA
Aug-2017
AD8376 AD-AD8376_13 Datasheet
1Mb / 24P
Ultralow Distortion IF Dual VGA
10/13-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com