Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2460 Datasheet (PDF) - Dallas Semiconductor

DS2460 Datasheet PDF - Dallas Semiconductor
Part # DS2460
Download  DS2460 Download
File Size   133.12 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description SHA-1 Coprocessor with EEPROM

DS2460 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2460 Datasheet PDF - Dallas Semiconductor

Part # DS2460
Download  DS2460 Click to download

File Size   133.12 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description SHA-1 Coprocessor with EEPROM

DS2460 Datasheet (HTML) - Dallas Semiconductor


DS2460 Product details

GENERAL DESCRIPTION

The DS2460 SHA-1 Coprocessor with EEPROM is a hardware implementation of the ISO/IEC 10118-3 Secure Hash Algorithm (SHA-1), eliminating the need to develop software to perform the complex SHA computation required for authenticating SHA devices and for performing the validation of digitally signed service data. The DS2460 communicates with a microcontroller through the popular I²C interface. Applications include hosts of access control and electronic payment systems for token authentication and service data validation as well as generation of one-time-use encryption keys for short message encryption and decryption for messages not exceeding the length of a SHA-1 result, which is 20 bytes.



FEATURES

Dedicated Hardware-Accelerated SHA Engine for Generating SHA-1 MACs

112 Bytes User EEPROM for Storing End Equipment Property Data

I²C Host Interface, Supports 100kHz and 400kHz Communication Speeds

Three Address Inputs for I²C Address Assignment

Single-Byte to 8-Byte EEPROM Write Sequences

64-Bit Unique Registration Number

EEPROM Endurance: 200k Cycles per 8-Byte Block at 25°C

10ms max EEPROM Write Cycle

Wide Operating Range: 2.7V to 5.5V, -40°C to +85°C

±4kV IEC 1000-4-2 ESD Protection Level on All Pins

8-Pin SO (150 mils) Package



APPLICATIONS

License Management

Secure Feature Control

System Authentication

Clone Prevention

Door Locks

Utility Meters




Similar Part No. - DS2460

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2460 MAXIM-DS2460 Datasheet
238Kb / 9P
SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2460S MAXIM-DS2460S Datasheet
238Kb / 9P
SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2460S+ MAXIM-DS2460S+ Datasheet
238Kb / 9P
SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2460S+R MAXIM-DS2460S+R Datasheet
238Kb / 9P
SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2460S+T MAXIM-DS2460S+T Datasheet
238Kb / 9P
SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
More results


Similar Description - DS2460

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
logo
Maxim Integrated Produc...
DS2704 MAXIM-DS2704 Datasheet
227Kb / 18P
1280-Bit EEPROM with SHA-1 Authentication
011206
DS28CN01 MAXIM-DS28CN01_09 Datasheet
116Kb / 10P
1Kb I2C/SMBus EEPROM with SHA-1 Engine
Rev 1; 4/09
DS28E01-100 MAXIM-DS28E01-100 Datasheet
164Kb / 20P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 7; 3/12
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2460 MAXIM-DS2460 Datasheet
238Kb / 9P
SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
DS2465 MAXIM-DS2465 Datasheet
2Mb / 31P
SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
DS28E01-100 MAXIM-DS28E01-100_12 Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
DS28E01G-100U MAXIM-DS28E01G-100U Datasheet
293Kb / 21P
1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 8; 9/12
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com