Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2465 Datasheet (PDF) - Maxim Integrated Products

DS2465 Datasheet PDF - Maxim Integrated Products
Part # DS2465
Download  DS2465 Download
File Size   2576.02 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SHA-256 Coprocessor with 1-Wire Master Function

DS2465 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2465 Datasheet PDF - Maxim Integrated Products

Part # DS2465
Download  DS2465 Click to download

File Size   2576.02 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SHA-256 Coprocessor with 1-Wire Master Function

DS2465 Datasheet (HTML) - Maxim Integrated Products


DS2465 Product details

General Description
The DS2465 is a SHA-256 coprocessor with built-in 1-Wire® master that provides the SHA-256 and memory functionality required by a host system to communicate with and operate a 1-Wire SHA-256 slave. In addition, it performs protocol conversion between the I2C master and any attached 1-Wire SHA-256 slaves. For 1-Wire line driving, internal user-adjustable timers relieve the system host processor from generating time-critical 1-Wire waveforms, supporting both standard and overdrive 1-Wire communication speeds.

Features
♦ SHA-256 Engine to Operate a Symmetric-Key-Based Bidirectional Secure Authentication Model
♦ Two 32-Byte Pages of User EEPROM with Multiple Programmable Protection Options
♦ 1-Wire Master Port with Selectable Active or Passive 1-Wire Pullup
♦ Strong 1-Wire Pullup Provided by an Internal LowImpedance Signal Path
♦ 1-Wire Port Can Be Powered Down Under
♦oftware Control
♦ I2C Operating (Pullup) Voltage: 3.3V ±10%
♦ ESD Protection of ±8kV HBM (typ) on 1-Wire IO Pin
♦ Operating Range: 3.3V ±10%, -40NC to +85NC
♦ 6-Pin TSOC Package

Applications
    Authentication of Consumables
    Secure Feature Control




Similar Part No. - DS2465

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2465 MAXIM-DS2465 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS2465 MAXIM-DS2465 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS2465P+ MAXIM-DS2465P+ Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS2465P+T MAXIM-DS2465P+T Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
More results


Similar Description - DS2465

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2705 MAXIM-DS2705 Datasheet
211Kb / 18P
SHA-1 Authentication Master
050506
logo
Dallas Semiconductor
DS2460 DALLAS-DS2460 Datasheet
133Kb / 8P
SHA-1 Coprocessor with EEPROM
DS2705 DALLAS-DS2705_07 Datasheet
339Kb / 18P
SHA-1 Authentication Master
logo
Maxim Integrated Produc...
DS2460 MAXIM-DS2460 Datasheet
238Kb / 9P
SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS28E22 MAXIM-DS28E22 Datasheet
799Kb / 6P
1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM
Rev 0; 9/12
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS24L65 MAXIM-DS24L65 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 1; 9/13
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS2705 MAXIM-DS2705_V01 Datasheet
356Kb / 18P
SHA-1 Authentication Master
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com