Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8881-3TN Datasheet (PDF) - Infineon Technologies AG

TLE8881-3TN Datasheet PDF - Infineon Technologies AG
Part # TLE8881-3TN
Download  TLE8881-3TN Download
File Size   5545.64 Kbytes
Page   124 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Alternator Control IC with LIN Interface

TLE8881-3TN Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE8881-3TN Datasheet PDF - Infineon Technologies AG

Part # TLE8881-3TN
Download  TLE8881-3TN Click to download

File Size   5545.64 Kbytes
Page   124 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Alternator Control IC with LIN Interface

TLE8881-3TN Datasheet (HTML) - Infineon Technologies AG


TLE8881-3TN Product details

Features
• Single-chip alternator control IC
• High-side n-channel DMOS output stage with RDSON of 60mΩ typ. (at 25°C)
/ 110mΩ max.
• Excitation PWM duty cycle range from 0% up to 100%
• Full digital and fast PI regulator
• EEPROM for customization to the target application
• Compliant to both communication standard specifications LIN 2.1 (on
physical layer and data link layer) and LIN 1.3 (on data link layer) with baudrate up to 19200 bit/s -
selectable via EEPROM
• Compatible to several OEM specification variants
• Digital temperature setpoint compensation
• Excitation current limitation depending on LIN commands
• Extensive voltage measurement range of 8 V up to 24 V
• Very low stand-by current of less than 80 μA @ 25°C
• High ESD resistivity of 8 kV on all lines (ESD HBM)
• High temperature range of -40°C up to 175°C
• ISO 26262 Safety Element out of Context for safety requirements up to ASIL B
• Green product (RoHS-compliant)




Similar Part No. - TLE8881-3TN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8881-2 INFINEON-TLE8881-2 Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE8881-2-CH INFINEON-TLE8881-2-CH Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE8881-2-TN INFINEON-TLE8881-2-TN Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE8881-2TN INFINEON-TLE8881-2TN Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
More results


Similar Description - TLE8881-3TN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRVR101 IRF-IRVR101 Datasheet
110Kb / 15P
LIN Controlled Alternator Voltage Regulator
logo
Integral Corp.
INF8577N INTEGRAL-INF8577N Datasheet
251Kb / 9P
LCD CONTROL IC WITH I2C INTERFACE
logo
Freescale Semiconductor...
80310 FREESCALE-80310 Datasheet
951Kb / 31P
Alternator Regulator with LIN High side field driver
80310 FREESCALE-80310_12 Datasheet
858Kb / 31P
Alternator Regulator with LIN
logo
NXP Semiconductors
AR6000 NXP-AR6000 Datasheet
2Mb / 103P
Alternator regulator with LIN
Rev. 5.1-12 October 2017
logo
Infineon Technologies A...
TLE888 INFINEON-TLE888 Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
TLE8881-2 INFINEON-TLE8881-2 Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE888X INFINEON-TLE888X Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
logo
NXP Semiconductors
TC80310 NXP-TC80310 Datasheet
937Kb / 31P
Alternator regulator with LIN
Rev. 5.0, 8/2016
logo
STMicroelectronics
L9918 STMICROELECTRONICS-L9918 Datasheet
1Mb / 109P
Alternator voltage regulator with LIN interface for 12 V applications
08-Sep-2022
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com