Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet (PDF) - STMicroelectronics

L9918 Datasheet PDF - STMicroelectronics
Part # L9918
Download  L9918 Download
File Size   1957.26 Kbytes
Page   109 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Alternator voltage regulator with LIN interface for 12 V applications

L9918 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9918 Datasheet PDF - STMicroelectronics

Part # L9918
Download  L9918 Click to download

File Size   1957.26 Kbytes
Page   109 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Alternator voltage regulator with LIN interface for 12 V applications

L9918 Datasheet (HTML) - STMicroelectronics


L9918 Product details

Features
• AEC-Q100 qualified
• Closed loop voltage control
• Regulated voltage with thermal compensation function
• High side excitation driver with internal freewheeling circuit
• Load response control (LRC) and Return LRC
• Self-start activation by phase signal
• Current limitation and overcurrent protection
• Thermal protection
• Physical Layer compliant with LIN 2.2A spec.
• Data Link Layer compliant with LIN 1.3, 2.1, 2.2 and 2.2A specification
• 13 sets of LIN frames selectable
• Configurable parameters (see NVM parameter table A1)
• Configurable for 5, 6, 7, 8 or 9 pole pair alternator
• Compliant to VDA LIN-Generator-Regulator specification
• Full ISO26262 compliant, ASIL-B systems ready
• Available as Bare die as well as in PENTAWATT In Line (TO220-5) package

Description
L9918 is an alternator voltage regulator equipped with LIN protocol interface.
The device is intended to be used in automotive application for 12 V systems.
The presence of NVM cells for device parameters programmability makes it suitable
for a wide range of charging application.




Similar Part No. - L9918

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9911 STMICROELECTRONICS-L9911 Datasheet
186Kb / 15P
CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
07-Nov-2005
L9911 STMICROELECTRONICS-L9911 Datasheet
432Kb / 20P
Car alternator multifunction smart voltage regulator
30-Sep-2015
L9911A STMICROELECTRONICS-L9911A Datasheet
186Kb / 15P
CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
07-Nov-2005
L9911B STMICROELECTRONICS-L9911B Datasheet
186Kb / 15P
CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
07-Nov-2005
L9911F STMICROELECTRONICS-L9911F Datasheet
319Kb / 19P
Car alternator multifunction smart voltage regulator
19-Sep-2013
More results


Similar Description - L9918

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRVR101 IRF-IRVR101 Datasheet
110Kb / 15P
LIN Controlled Alternator Voltage Regulator
logo
ams AG
AS8530 AMSCO-AS8530 Datasheet
893Kb / 29P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530_1 Datasheet
958Kb / 32P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530_V1 AMSCO-AS8530_V1 Datasheet
960Kb / 32P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
Freescale Semiconductor...
80310 FREESCALE-80310_12 Datasheet
858Kb / 31P
Alternator Regulator with LIN
logo
ams AG
AS8530 AMSCO-AS8530_07 Datasheet
468Kb / 33P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
NXP Semiconductors
AR6000 NXP-AR6000 Datasheet
2Mb / 103P
Alternator regulator with LIN
Rev. 5.1-12 October 2017
logo
Infineon Technologies A...
TLE8881-2 INFINEON-TLE8881-2 Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE888X INFINEON-TLE888X Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
logo
NXP Semiconductors
TC80310 NXP-TC80310 Datasheet
937Kb / 31P
Alternator regulator with LIN
Rev. 5.0, 8/2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com