Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 5 Page - STMicroelectronics

  L9918 Datasheet HTML 1Page - STMicroelectronics L9918 Datasheet HTML 2Page - STMicroelectronics L9918 Datasheet HTML 3Page - STMicroelectronics L9918 Datasheet HTML 4Page - STMicroelectronics L9918 Datasheet HTML 5Page - STMicroelectronics L9918 Datasheet HTML 6Page - STMicroelectronics L9918 Datasheet HTML 7Page - STMicroelectronics L9918 Datasheet HTML 8Page - STMicroelectronics L9918 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
Overcurrent protection is an independent protection which command the shutdown of EXC power stage in case a
maximum current threshold is overcame (Section 4.2.6 Excitation current measurement).
1.3.11
Temperature measurements
A temperature sensor monitors the junction temperature of the regulator. The tolerance is ±10 °C.
1.3.12
High temperature voltage limitation
L9918 implements a thermal compensation function in order to protect EXC field driver against high temperature
(Section 2.2.3 Thermal compensation).
1.3.13
Self-start
The regulator can be activated even in case of failed or not activated LIN communication. After the self-start, the
regulator performs as a multifunction stand-alone regulator with default parameters.
1.3.14
Non volatile memory (NVM)
L9918 contains an NVM memory with a high number of programmable bits. This allows users to apply many
different configurations in order to address a wide range of applicative scenarios. NVM programming is operated
by LIN communication through a specific “programming mode procedure” and it is typically done at the end of
production line. NVM can be programmed 16 times at most.
1.3.15
Local interconnect network (LIN) interface
The regulator has a bidirectional serial data LIN interface to communicate with the Engine Control Unit (ECU).
The Physical Layer is compliant with LIN 2.2A specification. The Data Link Layer is compliant with LIN 1.3, 2.1,
2.2 and 2.2A LIN specifications.
LIN configuration addresses following functions:
•
Control of the set-point voltage regulation
•
Control of LRC parameters (rise time, LRC disable speed, blind zone)
•
Setting of the excitation current limitation
•
Excitation duty cycle feedback
•
Excitation current feedback
•
High temperature feedback
•
Diagnosis information feedback (LIN error and alternator failure detection)
•
Alternator supplier code feedback
•
Alternator class code feedback
•
Chip supplier identification
•
Chip identification
1.3.16
Compatibility with different alternator types
All the RPM speed values specified respect 5, 6, 7, 8 or 9 pole pair alternator definition.
L9918
List of device features
DS13000 - Rev 2
page 5/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com