Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 91 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 87Page - STMicroelectronics L9918 Datasheet HTML 88Page - STMicroelectronics L9918 Datasheet HTML 89Page - STMicroelectronics L9918 Datasheet HTML 90Page - STMicroelectronics L9918 Datasheet HTML 91Page - STMicroelectronics L9918 Datasheet HTML 92Page - STMicroelectronics L9918 Datasheet HTML 93Page - STMicroelectronics L9918 Datasheet HTML 94Page - STMicroelectronics L9918 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
Code
BV (V)
Code
BV (V)
Code
BV (V)
Code
BV (V)
00011111
10.55
01011111
13.75
10011111
16.95
11011111
18.00
00100000
10.60
01100000
13.80
10100000
17.00
11100000
18.00
00100001
10.65
01100001
13.85
10100001
17.05
11100001
18.00
00100010
10.70
01100010
13.90
10100010
17.10
11100010
18.00
00100011
10.75
01100011
13.95
10100011
17.15
11100011
18.00
00100100
10.80
01100100
14.00
10100100
17.20
11100100
18.00
00100101
10.85
01100101
14.05
10100101
17.25
11100101
18.00
00100110
10.90
01100110
14.10
10100110
17.30
11100110
18.00
00100111
10.95
01100111
14.15
10100111
17.35
11100111
18.00
00101000
11.00
01101000
14.20
10101000
17.40
11101000
18.00
00101001
11.05
01101001
14.25
10101001
17.45
11101001
18.00
00101010
11.10
01101010
14.30
10101010
17.50
11101010
18.00
00101011
11.15
01101011
14.35
10101011
17.55
11101011
18.00
00101100
11.20
01101100
14.40
10101100
17.60
11101100
18.00
00101101
11.25
01101101
14.45
10101101
17.65
11101101
18.00
00101110
11.30
01101110
14.50
10101110
17.70
11101110
18.00
00101111
11.35
01101111
14.55
10101111
17.75
11101111
18.00
00110000
11.40
01110000
14.60
10110000
17.80
11110000
18.00
00110001
11.45
01110001
14.65
10110001
17.85
11110001
18.00
00110010
11.50
01110010
14.70
10110010
17.90
11110010
18.00
00110011
11.55
01110011
14.75
10110011
17.95
11110011
18.00
00110100
11.60
01110100
14.80
10110100
18.00
11110100
18.00
00110101
11.65
01110101
14.85
10110101
18.00
11110101
18.00
00110110
11.70
01110110
14.90
10110110
18.00
11110110
18.00
00110111
11.75
01110111
14.95
10110111
18.00
11110111
18.00
00111000
11.80
01111000
15.00
10111000
18.00
11111000
18.00
00111001
11.85
01111001
15.05
10111001
18.00
11111001
18.00
00111010
11.90
01111010
15.10
10111010
18.00
11111010
18.00
00111011
11.95
01111011
15.15
10111011
18.00
11111011
18.00
00111100
12.00
01111100
15.20
10111100
18.00
11111100
18.00
00111101
12.05
01111101
15.25
10111101
18.00
11111101
18.00
00111110
12.10
01111110
15.30
10111110
18.00
11111110
18.00
00111111
12.15
01111111
15.35
10111111
18.00
11111111
18.00
A.11
Junction temperature measure
Table 58. TJ8 – Device Junction Temperature 8 bit reference version A, B and F
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
00000000
TJ < -38
01000000
> 200
10000000
> 200
11000000
> 200
00000001
-38 < TJ < -34
01000001
> 200
10000001
> 200
11000001
> 200
00000010
-34 < TJ < -30
01000010
> 200
10000010
> 200
11000010
> 200
L9918
Junction temperature measure
DS13000 - Rev 2
page 91/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com