Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 48Page - STMicroelectronics L9918 Datasheet HTML 49Page - STMicroelectronics L9918 Datasheet HTML 50Page - STMicroelectronics L9918 Datasheet HTML 51Page - STMicroelectronics L9918 Datasheet HTML 52Page - STMicroelectronics L9918 Datasheet HTML 53Page - STMicroelectronics L9918 Datasheet HTML 54Page - STMicroelectronics L9918 Datasheet HTML 55Page - STMicroelectronics L9918 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
P_ANT2
5
0x09
Proportional (direct) control of voltage regulation
loop (voltage step is 0.1 V) selectable via LIN
1.0 V
0x0A 1.1 V
0x0B 1.2 V
0x0C 1.3 V
0x0D 1.4 V
0x0E 1.5 V
0x0F 1.6 V
0x10 1.7 V
0x11 1.8 V
0x12 1.9 V
0x13 2.0 V
0x14 2.1 V
0x15 2.2 V
0x16 2.3 V
0x17 2.4 V
0x18 2.5 V
0x19 2.6 V
0x1A 2.7 V
0x1B 2.8 V
0x1C 2.9 V
0x1D 3.0 V
0x1E 3.0 V
0x1F 3.0 V
I_ANT
3
0x0
0 mV
Feedback (deviation) control of voltage regulation
loop (set point dependency over duty cycle)
0x1
-50 mV
0x2
-100 mV
0x3
-150 mV
0x4
-200 mV
0x5
-250 mV
0x6
-300 mV
0x7
dependency off
THERMAL_TH_SEL
2
0x0
180 °C
Thermal shutdown value
0x1
175 °C
0x2
185 °C
0x3
190 °C
I_FILT
4
0x0
180 ms
Filter time constant of I_ANT feedback for the
voltage regulation loop
0x1
200 ms
0x2
220 ms
0x3
240 ms
0x4
260 ms
L9918
NVM parameters table
DS13000 - Rev 2
page 52/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com