Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 79 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 75Page - STMicroelectronics L9918 Datasheet HTML 76Page - STMicroelectronics L9918 Datasheet HTML 77Page - STMicroelectronics L9918 Datasheet HTML 78Page - STMicroelectronics L9918 Datasheet HTML 79Page - STMicroelectronics L9918 Datasheet HTML 80Page - STMicroelectronics L9918 Datasheet HTML 81Page - STMicroelectronics L9918 Datasheet HTML 82Page - STMicroelectronics L9918 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 109 page
background image
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
10111
0.92
1010111
3.48
10010111
6.04
11010111
8.6
11000
0.96
1011000
3.52
10011000
6.08
11011000
8.64
11001
1
1011001
3.56
10011001
6.12
11011001
8.68
11010
1.04
1011010
3.6
10011010
6.16
11011010
8.72
11011
1.08
1011011
3.64
10011011
6.2
11011011
8.76
11100
1.12
1011100
3.68
10011100
6.24
11011100
8.8
11101
1.16
1011101
3.72
10011101
6.28
11011101
8.84
11110
1.2
1011110
3.76
10011110
6.32
11011110
8.88
11111
1.24
1011111
3.8
10011111
6.36
11011111
8.92
100000
1.28
1100000
3.84
10100000
6.4
11100000
8.96
100001
1.32
1100001
3.88
10100001
6.44
11100001
9
100010
1.36
1100010
3.92
10100010
6.48
11100010
9.04
100011
1.4
1100011
3.96
10100011
6.52
11100011
9.08
100100
1.44
1100100
4
10100100
6.56
11100100
9.12
100101
1.48
1100101
4.04
10100101
6.6
11100101
9.16
100110
1.52
1100110
4.08
10100110
6.64
11100110
9.2
100111
1.56
1100111
4.12
10100111
6.68
11100111
9.24
101000
1.6
1101000
4.16
10101000
6.72
11101000
9.28
101001
1.64
1101001
4.2
10101001
6.76
11101001
9.32
101010
1.68
1101010
4.24
10101010
6.8
11101010
9.36
101011
1.72
1101011
4.28
10101011
6.84
11101011
9.4
101100
1.76
1101100
4.32
10101100
6.88
11101100
9.44
101101
1.8
1101101
4.36
10101101
6.92
11101101
9.48
101110
1.84
1101110
4.4
10101110
6.96
11101110
9.52
101111
1.88
1101111
4.44
10101111
7
11101111
9.56
110000
1.92
1110000
4.48
10110000
7.04
11110000
9.6
110001
1.96
1110001
4.52
10110001
7.08
11110001
9.64
110010
2
1110010
4.56
10110010
7.12
11110010
9.68
110011
2.04
1110011
4.6
10110011
7.16
11110011
9.72
110100
2.08
1110100
4.64
10110100
7.2
11110100
9.76
110101
2.12
1110101
4.68
10110101
7.24
11110101
9.8
110110
2.16
1110110
4.72
10110110
7.28
11110110
9.84
110111
2.2
1110111
4.76
10110111
7.32
11110111
9.88
111000
2.24
1111000
4.8
10111000
7.36
11111000
9.92
111001
2.28
1111001
4.84
10111001
7.4
11111001
9.96
111010
2.32
1111010
4.88
10111010
7.44
11111010
10
111011
2.36
1111011
4.92
10111011
7.48
11111011
10.04
111100
2.4
1111100
4.96
10111100
7.52
11111100
10.08
111101
2.44
1111101
5
10111101
7.56
11111101
10.12
111110
2.48
1111110
5.04
10111110
7.6
11111110
10.16
111111
2.52
1111111
5.08
10111111
7.64
11111111
No limitation
L9918
Excitation current limitation
DS13000 - Rev 2
page 79/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com