Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 14Page - STMicroelectronics L9918 Datasheet HTML 15Page - STMicroelectronics L9918 Datasheet HTML 16Page - STMicroelectronics L9918 Datasheet HTML 17Page - STMicroelectronics L9918 Datasheet HTML 18Page - STMicroelectronics L9918 Datasheet HTML 19Page - STMicroelectronics L9918 Datasheet HTML 20Page - STMicroelectronics L9918 Datasheet HTML 21Page - STMicroelectronics L9918 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
Figure 8. Low voltage function behavior
Behaviour in case of under voltage detection:
When the battery voltage is lower than POR threshold (VBPOR) and td time is elapsed, the device enters in
standby condition showing a low power consumption.
The device can sustain micro-interruption in battery line without having a logic reset.
Deep Low Voltage range:
When B+ falls in deep low voltage range (VBdeepLV) the device isn’t under reset and regulation loop computation
is functioning, with possible degradation of parameters. However EXC operation is reduced.
Figure 9. Battery voltage range
B +
Safety Overvoltage or Low Voltage function (EXC OFF)
Regular Functioning
Low Voltage without parameter degradation (EXC ON)
Deep Low Voltage: possible parameter degradation (EXC ON)
Undervoltage: device in Power On Reset condition (EXC OFF)
VBOV_safety or
VBOV
LOW
Max
VBDeepLV
VBPOR
Min
VBDeepLV
V
The picture reports main voltage operation ranges.
L9918
B+ characteristics
DS13000 - Rev 2
page 18/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com