Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 17Page - STMicroelectronics L9918 Datasheet HTML 18Page - STMicroelectronics L9918 Datasheet HTML 19Page - STMicroelectronics L9918 Datasheet HTML 20Page - STMicroelectronics L9918 Datasheet HTML 21Page - STMicroelectronics L9918 Datasheet HTML 22Page - STMicroelectronics L9918 Datasheet HTML 23Page - STMicroelectronics L9918 Datasheet HTML 24Page - STMicroelectronics L9918 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
VPHThSS,13
Phase regulation high threshold used
when device is out from regulation state.
(KLV_USSW)
8.4
V
VPHThSS,14
8.6
V
VPHThSS,15
8.8
V
VPHThSS,16
9.0
V
VPLTh,1
Phase regulation low
threshold(KLV_LOWSW)
1.8
V
VPLTh,2
2
V
VPadth _HT
Adaptive PH threshold mean value
3
V
RPpd
Pull-down resistor (VPH=6V and VB+ =
14.5)
72
TPSR
Spike rejection time
70
125
180
µs
NStart
Alternator speed threshold to enter in
regulation mode
514
570
626
rpm
SPSS,x
Self-start Alternator speed Threshold (no
valid LIN communication)(selectable by
N_NOTSTART NVM bit)
N_NOTSTART (+/- 10%)
rpm
SPLRC,1
LRC disable speed Threshold (no
valid LIN communication)(selectable by
LRDN_DEF NVM bits)
2700
3000
3300
rpm
SPLRC,2
3600
4000
4400
SPLRC,3
4320
4800
5280
SPLRC,4
5400
6000
6600
TLRC_tvfilt,1
Filter time constant of duty cycle
(LR_TVFILTTIME)
Tested for
PWM_FREQ =
400Hz
20
ms
TLRC_tvfilt,2
40
ms
TLRC_tvfilt,3
60
ms
TLRC_tvfilt,4
80
ms
TLRC_tvfilt,5
100
ms
TLRC_tvfilt,6
120
ms
TLRC_tvfilt,7
140
ms
TLRC_tvfilt,8
160
ms
TLRC_tvfilt,9
180
ms
TLRC_tvfilt,10
200
ms
TLRC_tvfilt,11
220
ms
TLRC_tvfilt,12
240
ms
TLRC_tvfilt,13
2.5
ms
TLRC_tvfilt,14
5
ms
TLRC_tvfilt,15
7.5
ms
TLRC_tvfilt,16
10
ms
tPH_to
Max windows time to detect 4 phase
periods
114
128
142
ms
Vadth_mid
Adaptive PH thresholds mean value
3
V
L9918
PH electrical characteristic
DS13000 - Rev 2
page 21/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com