Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 6Page - STMicroelectronics L9918 Datasheet HTML 7Page - STMicroelectronics L9918 Datasheet HTML 8Page - STMicroelectronics L9918 Datasheet HTML 9Page - STMicroelectronics L9918 Datasheet HTML 10Page - STMicroelectronics L9918 Datasheet HTML 11Page - STMicroelectronics L9918 Datasheet HTML 12Page - STMicroelectronics L9918 Datasheet HTML 13Page - STMicroelectronics L9918 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 109 page
background image
Current limitation enabled accordingly to current limitation thresholds provided by LIN or by NVM registers
contents (the lower between the two current limitation thresholds is adopted).
Safety functions active.
Thermal compensation enabled.
Low voltage function.
1.5.5
Regulation default
This mode is equivalent to the LIN regulation mode except that, being without LIN communication, NVM default
regulation parameters (VBSPDEF, TFLRCup, TFLRCdw, SPLRC) are used for regulation.
Regulation default can be entered from wake-up state when phase rotation is greater than SPSS (N_NOTSTART
NVM register). Phase amplitude required to enter regulation default depends on KLV_AC_ADAP_MIN_NOT,
KLV_AC_ADAP_MIN and ACADAPMIN_MODE NVM registers.
Regulation default can be entered from LIN regulation state in case no valid frame is provided for a time longer
than tLIN_COM, adopted set point changes from VBSPLINRG to VBSPDEF.
Set point transition to default VBSPDEF is performed with a ramp of VBSP_LDslope and excitation current
limitation moves to IFELD_MAXB or I_MAX with a ramp of IFLIM_LDslope.
If LIN communication resumes, regulation voltage and current limitation target change immediately, accordingly to
the received RX frame data.
In regulation default state:
LRC function enabled accordingly with NVM selection.
Phase regulation enabled.
Current limitation set to IFELD_MAXB and I_MAX.
Safety function enabled.
Thermal compensation enabled.
Low voltage function.
1.5.6
Safety
Safety state is an excitation OFF state which is entered as soon as a safety protection mechanism is activated
while device is into pre-excitation or regulation state.
Here below a list of the safety mechanisms implemented by L9918:
1.5.6.1
Current protection
In all the states where the excitation power MOS is active, overcurrent protection function is working. As soon as
the IFOCP threshold is reached the power is switched OFF.
1.5.6.2
Thermal protection
In case TJ reaches the Tsd,x threshold (selectable by NVM bits THERMAL_TH_SEL), EXC power MOS is
switched OFF till the TJ temperature decrease below Tsd,x - Tsdhy.
1.5.6.3
Overvoltage safety protection
In case of B+ > VBOV_safetyL for more than TOVflt_safetyL or B+ > VBOV_safetyH for more than TOVflt_safetyH, EXC
power MOS is switched OFF till B+ returns at a value lower than VBOV_safetyL for more than TOVflt_safetyL time.
L9918
State diagram
DS13000 - Rev 2
page 10/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com