Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 58Page - STMicroelectronics L9918 Datasheet HTML 59Page - STMicroelectronics L9918 Datasheet HTML 60Page - STMicroelectronics L9918 Datasheet HTML 61Page - STMicroelectronics L9918 Datasheet HTML 62Page - STMicroelectronics L9918 Datasheet HTML 63Page - STMicroelectronics L9918 Datasheet HTML 64Page - STMicroelectronics L9918 Datasheet HTML 65Page - STMicroelectronics L9918 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
IE_P_ANT_PRE
(continued)
7
0x3B
Proportional part of current limitation regulation
control loop in pre-excitation
(continued)
54 mA
0x3C 53 mA
0x3D 52 mA
0x3E 51 mA
0x3F 50 mA
0x40 50 mA
0x41 49 mA
0x42 48 mA
0x43 47 mA
0x44 47 mA
IE_P_ANT_PRE
(continued)
7
0x45 46 mA
Proportional part of current limitation regulation
control loop in pre-excitation
(continued)
0x46 45 mA
0x47 45 mA
0x48 44 mA
0x49 43 mA
0x4A 43 mA
0x4B 42 mA
0x4C 42 mA
0x4D 41 mA
0x4E 41 mA
0x4F 40 mA
0x50 40 mA
0x51 39 mA
0x52 39 mA
0x53 38 mA
0x54 38 mA
0x55 37 mA
0x56 37 mA
0x57 36 mA
0x58 36 mA
0x59 36 mA
0x5A 35 mA
0x5B 35 mA
0x5C 35 mA
0x5D 34 mA
0x5E 34 mA
0x5F 33 mA
0x60 33 mA
0x61 33 mA
0x62 32 mA
L9918
NVM parameters table
DS13000 - Rev 2
page 62/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com