Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 35Page - STMicroelectronics L9918 Datasheet HTML 36Page - STMicroelectronics L9918 Datasheet HTML 37Page - STMicroelectronics L9918 Datasheet HTML 38Page - STMicroelectronics L9918 Datasheet HTML 39Page - STMicroelectronics L9918 Datasheet HTML 40Page - STMicroelectronics L9918 Datasheet HTML 41Page - STMicroelectronics L9918 Datasheet HTML 42Page - STMicroelectronics L9918 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
X
X
X
BV8
EXC8
DCE8
F_M:
Diagnosis flag for mechanical failure, 1 bit
F_E:
Diagnosis flag for electrical failure, 1 bit
F_L1:
Diagnosis flag for LIN error, 1 bit
F_L0:
Diagnosis flag LIN communication timeout, 1 bit
F_T:
Diagnosis flag for thermal fault, 1 bit
X:
Bits answered as “dominant”, 3 bits
BV8:
Voltage measure on B+ pin, 8 bits
EXC8:
Excitation current measure, 8 bits
DCE8:
Excitation duty cycle measure, 8 bits
5.3.3.3
Tx Frame 2 version-C
Table 21. Identifier: 0x18 (LIN)
Byte 0
Byte 1
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
TJ8
AltS
AltI
TJ8:
Junction temperature measure, 8 bits
AltS:
Alternator supplier identification, 3 bits (REF: Table 34)
AltI:
Alternator identification, 5 bits (defined by customer)
5.3.4
Message frame for configuration version-D
5.3.4.1
Rx Frame version-D
Table 22. Identifiers: 0x29 (LIN1), 0x2A (LIN2)
Byte 0
Byte 1
Byte 2
Byte 3
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
A6
X
X
B1
C1
D5
X
X
X
X
X
X
X
X
X
X
X
A6:
Setpoint (VBSPLINRG), 6 bits
B1:
LRC-Rise, 4 bits
C1:
LRC-Cut, 4 bits
D5:
Excitation Current Limitation, 5 bits
X:
Don’t care bits, 11 bits
L9918
LIN Frames
DS13000 - Rev 2
page 39/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com