Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 84 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 80Page - STMicroelectronics L9918 Datasheet HTML 81Page - STMicroelectronics L9918 Datasheet HTML 82Page - STMicroelectronics L9918 Datasheet HTML 83Page - STMicroelectronics L9918 Datasheet HTML 84Page - STMicroelectronics L9918 Datasheet HTML 85Page - STMicroelectronics L9918 Datasheet HTML 86Page - STMicroelectronics L9918 Datasheet HTML 87Page - STMicroelectronics L9918 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 109 page
background image
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
Code
Exc Curr.
Measure (A)
00010110
1.10
01010110
4.30
10010110
7.50
11010110
10.70
00010111
1.15
01010111
4.35
10010111
7.55
11010111
10.75
00011000
1.20
01011000
4.40
10011000
7.60
11011000
10.80
00011001
1.25
01011001
4.45
10011001
7.65
11011001
10.85
00011010
1.30
01011010
4.50
10011010
7.70
11011010
10.90
00011011
1.35
01011011
4.55
10011011
7.75
11011011
10.95
00011100
1.40
01011100
4.60
10011100
7.80
11011100
11.00
00011101
1.45
01011101
4.65
10011101
7.85
11011101
11.05
00011110
1.50
01011110
4.70
10011110
7.90
11011110
11.10
00011111
1.55
01011111
4.75
10011111
7.95
11011111
11.15
00100000
1.60
01100000
4.80
10100000
8.00
11100000
11.20
00100001
1.65
01100001
4.85
10100001
8.05
11100001
11.25
00100010
1.70
01100010
4.90
10100010
8.10
11100010
11.30
00100011
1.75
01100011
4.95
10100011
8.15
11100011
11.35
00100100
1.80
01100100
5.00
10100100
8.20
11100100
11.40
00100101
1.85
01100101
5.05
10100101
8.25
11100101
11.45
00100110
1.90
01100110
5.10
10100110
8.30
11100110
11.50
00100111
1.95
01100111
5.15
10100111
8.35
11100111
11.55
00101000
2.00
01101000
5.20
10101000
8.40
11101000
11.60
00101001
2.05
01101001
5.25
10101001
8.45
11101001
11.65
00101010
2.10
01101010
5.30
10101010
8.50
11101010
11.70
00101011
2.15
01101011
5.35
10101011
8.55
11101011
11.75
00101100
2.20
01101100
5.40
10101100
8.60
11101100
11.80
00101101
2.25
01101101
5.45
10101101
8.65
11101101
11.85
00101110
2.30
01101110
5.50
10101110
8.70
11101110
11.90
00101111
2.35
01101111
5.55
10101111
8.75
11101111
11.95
00110000
2.40
01110000
5.60
10110000
8.80
11110000
12.00
00110001
2.45
01110001
5.65
10110001
8.85
11110001
12.05
00110010
2.50
01110010
5.70
10110010
8.90
11110010
12.10
00110011
2.55
01110011
5.75
10110011
8.95
11110011
12.15
00110100
2.60
01110100
5.80
10110100
9.00
11110100
12.20
00110101
2.65
01110101
5.85
10110101
9.05
11110101
12.25
00110110
2.70
01110110
5.90
10110110
9.10
11110110
12.30
00110111
2.75
01110111
5.95
10110111
9.15
11110111
12.35
00111000
2.80
01111000
6.00
10111000
9.20
11111000
12.40
00111001
2.85
01111001
6.05
10111001
9.25
11111001
12.45
00111010
2.90
01111010
6.10
10111010
9.30
11111010
12.50
00111011
2.95
01111011
6.15
10111011
9.35
11111011
12.55
00111100
3.00
01111100
6.20
10111100
9.40
11111100
12.60
00111101
3.05
01111101
6.25
10111101
9.45
11111101
12.65
L9918
Excitation current measure
DS13000 - Rev 2
page 84/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com