Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 53Page - STMicroelectronics L9918 Datasheet HTML 54Page - STMicroelectronics L9918 Datasheet HTML 55Page - STMicroelectronics L9918 Datasheet HTML 56Page - STMicroelectronics L9918 Datasheet HTML 57Page - STMicroelectronics L9918 Datasheet HTML 58Page - STMicroelectronics L9918 Datasheet HTML 59Page - STMicroelectronics L9918 Datasheet HTML 60Page - STMicroelectronics L9918 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
IE_I_ANT
5
0x1F
Integral part of current limitation regulation control
loop
tau = 3306 ms
IE_P_ANT
7
0x00 not available
Proportional part of current limitation regulation
control loop. Referred to regulation mode state.
0x01 3175 mA
0x02 1587 mA
0x03 1058 mA
0x04 794 mA
0x05 635 mA
IE_P_ANT
(continued)
7
0x06 529 mA
Proportional part of current limitation regulation
control loop. Referred to regulation mode state.
(continued)
0x07 454 mA
0x08 397 mA
0x09 353 mA
0x0A 318 mA
0x0B 289 mA
0x0C 265 mA
0x0D 244 mA
0x0E 227 mA
0x0F 212 mA
0x10 198 mA
0x11 187 mA
0x12 176 mA
0x13 167 mA
0x14 159 mA
0x15 151 mA
0x16 144 mA
0x17 138 mA
0x18 132 mA
0x19 127 mA
0x1A 122 mA
0x1B 118 mA
0x1C 113 mA
0x1D 109 mA
0x1E 106 mA
0x1F 102 mA
0x20 99 mA
0x21 96 mA
0x22 93 mA
0x23 91 mA
0x24 88 mA
0x25 86 mA
L9918
NVM parameters table
DS13000 - Rev 2
page 57/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com