Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 2Page - STMicroelectronics L9918 Datasheet HTML 3Page - STMicroelectronics L9918 Datasheet HTML 4Page - STMicroelectronics L9918 Datasheet HTML 5Page - STMicroelectronics L9918 Datasheet HTML 6Page - STMicroelectronics L9918 Datasheet HTML 7Page - STMicroelectronics L9918 Datasheet HTML 8Page - STMicroelectronics L9918 Datasheet HTML 9Page - STMicroelectronics L9918 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 109 page
background image
1.4
Internal block diagram
Figure 3. Simplified block diagram
1.4.1
Power supplies
Power Supplies block contains two sub-blocks: the first is always working, even when device is in stand-by state
(Stand-by domain); the latter works just when the device is in active states (OFF in stand-by).
The first sub-block supplies Phase and LIN interfaces (needed for the wake up function) and the Stand-by digital
block.
The second sub-block provides the analog and digital supplies to the whole device when PH or LIN pins are fed
with a valid signal. It even provides voltage references for all the sigma-delta converters and provides currents
reference as well. This sub-block is not supplied in stand-by state.
1.4.2
Phase interface
The task of this block is to detect activity on phase pin and verify if the phase signal voltage levels are correct.
The circuitry in charge of phase activity detection is always supplied in stand-by.
1.4.3
LIN interface
The block controls the LIN bus transmission and reception. The circuitry in charge of LIN bus activity detection is
supplied in stand-by as well.
1.4.4
Stand-by digital block
The Stand-by digital block manages the information coming from interfaces and, taking into account NVM
configuration data, eventually generates a wake-up signal.
1.4.5
Voltage divider & ΣΔ modulator for regulation
The stage has a resistive divider connected to battery and provides the correct signal voltage range to the internal
converter stage. The stage feeds into the digital block a bit-stream converted in a digital code with a proper low
pass filter. The code is managed in the digital block to act the regulation.
L9918
Internal block diagram
DS13000 - Rev 2
page 6/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com