Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 76 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 72Page - STMicroelectronics L9918 Datasheet HTML 73Page - STMicroelectronics L9918 Datasheet HTML 74Page - STMicroelectronics L9918 Datasheet HTML 75Page - STMicroelectronics L9918 Datasheet HTML 76Page - STMicroelectronics L9918 Datasheet HTML 77Page - STMicroelectronics L9918 Datasheet HTML 78Page - STMicroelectronics L9918 Datasheet HTML 79Page - STMicroelectronics L9918 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 109 page
background image
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
0000100
0.4
0100100
3.6
1000100
6.8
1100100
10.0
0000101
0.5
0100101
3.7
1000101
6.9
1100101
10.1
0000110
0.6
0100110
3.8
1000110
7.0
1100110
10.2
0000111
0.7
0100111
3.9
1000111
7.1
1100111
10.3
0001000
0.8
0101000
4.0
1001000
7.2
1101000
10.4
0001001
0.9
0101001
4.1
1001001
7.3
1101001
10.5
0001010
1.0
0101010
4.2
1001010
7.4
1101010
10.6
0001011
1.1
0101011
4.3
1001011
7.5
1101011
10.7
0001100
1.2
0101100
4.4
1001100
7.6
1101100
10.8
0001101
1.3
0101101
4.5
1001101
7.7
1101101
10.9
0001110
1.4
0101110
4.6
1001110
7.8
1101110
11.0
0001111
1.5
0101111
4.7
1001111
7.9
1101111
11.1
0010000
1.6
0110000
4.8
1010000
8.0
1110000
11.2
0010001
1.7
0110001
4.9
1010001
8.1
1110001
11.3
0010010
1.8
0110010
5.0
1010010
8.2
1110010
11.4
0010011
1.9
0110011
5.1
1010011
8.3
1110011
11.5
0010100
2.0
0110100
5.2
1010100
8.4
1110100
11.6
0010101
2.1
0110101
5.3
1010101
8.5
1110101
11.7
0010110
2.2
0110110
5.4
1010110
8.6
1110110
11.8
0010111
2.3
0110111
5.5
1010111
8.7
1110111
11.9
0011000
2.4
0111000
5.6
1011000
8.8
1111000
12.0
0011001
2.5
0111001
5.7
1011001
8.9
1111001
12.1
0011010
2.6
0111010
5.8
1011010
9.0
1111010
12.2
0011011
2.7
0111011
5.9
1011011
9.1
1111011
12.3
0011100
2.8
0111100
6.0
1011100
9.2
1111100
12.4
0011101
2.9
0111101
6.1
1011101
9.3
1111101
12.5
0011110
3.0
0111110
6.2
1011110
9.4
1111110
12.6
0011111
3.1
0111111
6.3
1011111
9.5
1111111
12.7
Table 45. D8 - Excitation current limitation 8 bit reference, version C
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
0
Reg. OFF
1000000
2.56
10000000
5.12
11000000
7.68
1
0.04
1000001
2.6
10000001
5.16
11000001
7.72
10
0.08
1000010
2.64
10000010
5.2
11000010
7.76
11
0.12.
1000011
2.68
10000011
5.24
11000011
7.8
100
0.16
1000100
2.72
10000100
5.28
11000100
7.84
101
0.2
1000101
2.76
10000101
5.32
11000101
7.88
110
0.24
1000110
2.8
10000110
5.36
11000110
7.92
111
0.28
1000111
2.84
10000111
5.4
11000111
7.96
1000
0.32
1001000
2.88
10001000
5.44
11001000
8
L9918
Excitation current limitation
DS13000 - Rev 2
page 76/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com