Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 80 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 76Page - STMicroelectronics L9918 Datasheet HTML 77Page - STMicroelectronics L9918 Datasheet HTML 78Page - STMicroelectronics L9918 Datasheet HTML 79Page - STMicroelectronics L9918 Datasheet HTML 80Page - STMicroelectronics L9918 Datasheet HTML 81Page - STMicroelectronics L9918 Datasheet HTML 82Page - STMicroelectronics L9918 Datasheet HTML 83Page - STMicroelectronics L9918 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 109 page
background image
A.6
Blind zone
Table 47. BZ - blind zone values, 1 bit reference version A, B, E, F
Code
BZ
0
3%
1
12%
Table 48. Blind zone values, 2 bits reference version C
Code
BZ
00
0
01
3.125%
10
6.25%
11
12.5%
A.7
Voltage limitation for high temperatures
Table 49. SetPoint limitation threshold for high temperature (delta), 3 bits reference version A, B
Code
Temperature
000
Default value 0 °C
001
Default value –16 °C
010
Default value –12 °C
011
Default value –8 °C
100
Default value –4 °C
101
Default value +4 °C
110
Default value +8 °C
111
Default value +12 °C
A.8
Excitation duty cycle value
Table 50. DCE5 – Duty cycle value, 5 bits reference version A, B, D, E, F
Code
Duty Cycle (%)
Code
Duty Cycle (%)
00000
0 < DF < 3.125
10000
50 < DF < 53.125
00001
3.125 < DF < 6.25
10001
53.125 < DF < 56.25
00010
6.25 < DF < 9.375
10010
56.25 < DF < 59.375
00011
9.375 < DF < 12.5
10011
59.375 < DF < 62.5
00100
12.5 < DF < 15.625
10100
62.5 < DF < 65.625
00101
15.625 < DF < 18.75
10101
65.625 < DF < 68.75
00110
18.75 < DF < 21.875
10110
68.75 < DF < 71.875
00111
21.875 < DF < 25
10111
71.875 < DF < 75
01000
25 < DF < 28.125
11000
75 < DF < 78.125
01001
28.125 < DF <
11001
78.125 < DF < 81.25
L9918
Blind zone
DS13000 - Rev 2
page 80/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com