Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 26Page - STMicroelectronics L9918 Datasheet HTML 27Page - STMicroelectronics L9918 Datasheet HTML 28Page - STMicroelectronics L9918 Datasheet HTML 29Page - STMicroelectronics L9918 Datasheet HTML 30Page - STMicroelectronics L9918 Datasheet HTML 31Page - STMicroelectronics L9918 Datasheet HTML 32Page - STMicroelectronics L9918 Datasheet HTML 33Page - STMicroelectronics L9918 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
Figure 14. Excitation high side power MOS current measurement: working principle
VBatt
Field
Power
DMOS
IEXC
Sense
DMOS
Scaled IEXC
ADC
-
+
If the current measured on EXC pin is greater than IFOCP for more than TFOC_filter, overcurrent event is detected
and EXC duty cycle is set to 0 %.
Overcurrent flag can be enabled or disabled depending by OVC_FLAG_EN NVM bit programming.
During overcurrent event the device retry EXC power stage activation accordingly to EXC PWM period.
4.2.7
Current limitation
In some cases it is needed to limit the torque required by the alternator to the engine. A direct way to do that is to
limit the EXC current flowing into the rotor.
Once a current limitation threshold has been set by LIN or by default (I_MAX, IFELD_MAXB NVM bits), L9918
adjust its output (i.e. its EXC DC) so to do not overcome the limit.
Adopted Current limitation threshold is the lower between default and LIN thresholds.
During its usual functioning, EXC DC is driven by voltage regulation loop control, whose target is to maintain a
certain voltage (set point) on car loads. As soon as the EXC current overcome the current limitation threshold,
EXC duty cycle is not calculated by voltage regulation loop anymore. Current limitation regulation become
dominant and the EXC DC is calculated by current limitation block, whose target is to keep EXC current fixed to
the selected threshold.
L9918 can implement current limitation by two different strategies, selectable by ILIM_MODE NVM bit:
•
Current limitation regulation loop: is the strategy implemented when ILIM_MODE = 0.
When this setting is chosen, current regulation is performed by an internal PI loop, whose parameters can
be fully programmable by NVM bits (IE_I_ANT, IE_P_ANT and IE_P_ANT_PRE for pre-excitation).
•
Fixed DC slope regulation: DC variation is performed applying a fixed slope, selectable by IE_GR_RAMPE
NVM bits.
A fixed offset on current limitation threshold can be selected by IFELD_OFFSET NVM bits.
Current limitation is available even into pre-excitation state.
L9918
EXC characteristics
DS13000 - Rev 2
page 30/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com