Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 18Page - STMicroelectronics L9918 Datasheet HTML 19Page - STMicroelectronics L9918 Datasheet HTML 20Page - STMicroelectronics L9918 Datasheet HTML 21Page - STMicroelectronics L9918 Datasheet HTML 22Page - STMicroelectronics L9918 Datasheet HTML 23Page - STMicroelectronics L9918 Datasheet HTML 24Page - STMicroelectronics L9918 Datasheet HTML 25Page - STMicroelectronics L9918 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 109 page
background image
3.2
PH characteristics
3.2.1
Alternator pole pairs
The selection of the correct alternator pole pairs is needed in order to make the device able to deduce the engine
rotation speed (RPM) from PH signal frequency (Hz):
RotationRPM =PHfreqHz*60
Npp
(1)
Where Npp is the alternator pole pairs number.
Possible selections for Npp are: 5, 6, 7, 8 and 9 (POLZ NVM bits).
3.2.2
Phase regulation
When the engine rotates and there is no alternator output current, the regulator has to recover a minimum voltage
on the stator coil in order to be ready for alternator rotation speed measurement.
When device detect that phase recovery is needed, EXC DC is no more driven by regulation loop logic but it
starts to be driven by Phase regulation function.
Starting of phase regulation function: the regulator monitors the phase voltage signal and checks if it oscillates
between two selected thresholds:
•
High threshold is selected depending on device state: if device is into Regulation state, high PH regulation
adopted threshold is VPHThREG,x, otherwise adopted threshold is VPHThSS,x. These two thresholds can be
programmed through KLV_NRSW and KLV_USSW NVM bits, respectively.
•
Low threshold value is VPLTh. Its value can be chosen between 1.8 and 2 V (KLV_LOWSW).VPLTh can be
either taken into account or ignored for PH regulation activation. This depends on KLV_HED_DIS NVM bit
programming.
In case one of these thresholds is not crossed by PH signal and B+ > set point (VBSPLINRG/VBSPDEF), Phase
regulation function is activated.
While phase regulation is active:
•
If B+ voltage is greater than set point voltage, EXC DC start from 25 % and increase by steps of 0.78 %
every regulation period. This raising transient continues up to a maximum value of 50 %.
•
If B+ voltage is smaller than set point voltage, EXC DC is determined by the regulation loop.
While Phase regulation is active, EXC signal behavior when B+ > VB+_LIM depends on OV_LIM_EN NVM bit.
When this is set to 0 and B+ > VB+_LIM, EXC DC is set to PWM_NRMAX (NVM bits).
When OV_LIM_EN is set to 1 and B+ > VB+_LIM, EXC DC is set to 0.
Phase regulation behavior respect to overvoltage function limit (U_FELD_AUS) can be selected through
LD_NR_DIS NVM bit.
While PH regulation function is active, LIN feedback on EXC DC can be chosen by DC_PHREG NVM bits.
3.2.3
Adaptive PH threshold calculation
L9918 is featured with an adaptive calculation system of PH signal threshold.
The aim of this system is to properly measure PH period and PH amplitude whatever the PH signal average value
is.
Picture below shows PH frequency calculation strategy using the adaptive PH thresholds.
L9918
PH characteristics
DS13000 - Rev 2
page 22/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com