Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 70Page - STMicroelectronics L9918 Datasheet HTML 71Page - STMicroelectronics L9918 Datasheet HTML 72Page - STMicroelectronics L9918 Datasheet HTML 73Page - STMicroelectronics L9918 Datasheet HTML 74Page - STMicroelectronics L9918 Datasheet HTML 75Page - STMicroelectronics L9918 Datasheet HTML 76Page - STMicroelectronics L9918 Datasheet HTML 77Page - STMicroelectronics L9918 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 109 page
background image
SetPoint (V)
Code6 (A,D,E)
Code8 (B,C, F)
SetPoint (V)
Code6 (A,D,E)
Code8 (B,C, F)
13.375
01101111
16.000
11101111
13.400
011100
01110000
16.000
111100
11110000
13.425
01110001
16.000
11110001
13.450
01110010
16.000
11110010
13.475
01110011
16.000
11110011
13.500
011101
01110100
16.000
111101
11110100
13.525
01110101
16.000
11110101
13.550
01110110
16.000
11110110
13.575
01110111
16.000
11110111
13.600
011110
01111000
16.000
111110
11111000
13.625
01111001
16.000
11111001
13.650
01111010
16.000
11111010
13.675
01111011
16.000
11111011
13.700
011111
01111100
16.000
111111 (1)
11111100
13.725
01111101
16.000
11111101
13.750
01111110
16.000
11111110
13.775
01111111
16.000
11111111 (2)
1. 14.5V @Tj = 25 °C with thermal drift -4mV/°C only for E version
2. 14.2V @Tj = 25 °C with thermal drift -4.27mV/°C only for C version
A.3
LRC-Rise tables
Table 41. LRC-rise table
Code
LRC-Rise (s)
Default (3 bit)
(B1) Version: A,D
(B2) Version: B, F
(B3) Version: C
(B4) Version: E
0000
1.00
0.00
0.00
0.00
0
0001
2.00
1.00
0.25
0.30
1.3
0010
3.00
2.00
0.50
0.60
2.1
0011
4.00
3.00
0.75
0.90
3
0100
5.00
4.00
1.00
1.30
3.8
0101
6.00
5.00
2.00
1.70
4.7
0110
7.00
6.00
3.00
2.10
5.5
0111
8.00
7.00
4.00
3.00
6.4
1000
-
8.00
5.00
3.90
7.2
1001
-
9.00
6.00
4.80
8.1
1010
-
10.00
7.00
5.70
8.9
1011
-
11.00
8.00
6.60
9.8
1100
-
12.00
9.00
8.40
10.6
1101
-
13.00
10.00
10.20
11.5
1110
-
14.00
12.00
12.60
12.3
1111
-
15.00
15.00
15.00
13.2
L9918
LRC-Rise tables
DS13000 - Rev 2
page 74/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com