Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 9Page - STMicroelectronics L9918 Datasheet HTML 10Page - STMicroelectronics L9918 Datasheet HTML 11Page - STMicroelectronics L9918 Datasheet HTML 12Page - STMicroelectronics L9918 Datasheet HTML 13Page - STMicroelectronics L9918 Datasheet HTML 14Page - STMicroelectronics L9918 Datasheet HTML 15Page - STMicroelectronics L9918 Datasheet HTML 16Page - STMicroelectronics L9918 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
2
Power supply and battery voltage sensing - B+ pin
Unless otherwise specified, all the electrical characteristics provided in this chapter refers to Tj between -40 °C
and 150 °C.
2.1
B+ electrical characteristic
Table 6. B+ electrical characteristic
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
VBOpVR
Operating Voltage Range
6
18
V
VBdeepLV
Deep low Voltage Range
parameter degradation, not reset
(according to ISO16750 - cranking )
3
6
V
IBstbyL80
Stand-by current consumption
lower 80 °C
VB+ = 12.5 V; VPH = 0;
VLIN = 12.5 V; T < 80 °C
1
50
µA
IBstbyH80
Stand-by current consumption
higher 80 °C
VB+ = 12.5 V; VPH = 0;
VLIN = 12.5 V; T > 80 °C
1
100
µA
IBactive
Current consumption out of stand-
by
VB+ = 12.5 V; No current load on
EXC and LIN
18
30
mA
VBSPLINRG
Set-Point Voltage Range for LIN
communication
VPH = 10 Vpp square wave at
500 Hz; valid LIN communication;
@ Tj = 30 °C
10.6
16
V
VBSPDEF
Default Set_Point Voltage Range
(no LIN communication)
(NVM UR_DEF_REG)
VPH = 10 Vpp square wave at
500 Hz; no LIN communication; @
Tj = 30° C
10.6
16
V
VBSP_tol30
Set_Point voltage tolerance
Tj = 30 °C
VPH = 10 Vpp square wave
at 500 Hz; with/without LIN
communication (please refer to
Figure 5)
-100
0
+100
mV
VBSP_tolTrange
Set_Point Voltage
Tolerance-40 °C < Tj < 150° C
VPH = 10 Vpp square wave
at 500 Hz; with/without LIN
communication ((please refer to
Figure 5)
-150
0
+150
mV
ΔVBload
Regulated Voltage variation with
the load
Difference between regulated
voltage when EXC duty cycle is
10 % and regulated voltage when
EXC duty cycle is 90 %
I_AN
T/
P_A
NT
V
ΔVBspeed(1)
Regulated Voltage variation with
the speed
Difference between regulated
voltage when Ialt = 10 A;
2000rpm < Alt speed < 18000rpm
-50
100
mV
VBSP_LDslope
Voltage Slope to address default
Set Point starting from LIN Set
Point
0.18
0.2
0.22
V/s
1. Not subject to production test, specified by design (alternator dependent).
The maximum tolerated ripple value on B+ is ± 6 V whatever speed and load. In case voltage ripple on battery
line exceeds this limit, declared tolerance cannot be guaranteed,
L9918
Power supply and battery voltage sensing - B+ pin
DS13000 - Rev 2
page 13/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com