Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 4Page - STMicroelectronics L9918 Datasheet HTML 5Page - STMicroelectronics L9918 Datasheet HTML 6Page - STMicroelectronics L9918 Datasheet HTML 7Page - STMicroelectronics L9918 Datasheet HTML 8Page - STMicroelectronics L9918 Datasheet HTML 9Page - STMicroelectronics L9918 Datasheet HTML 10Page - STMicroelectronics L9918 Datasheet HTML 11Page - STMicroelectronics L9918 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
Figure 4. L9918 finite state machine diagram
Self start (N>SP
)
OR hot start
(N<Nstart)
FAULT
ON
FAULT
OFF
VBSPLINRG
LIN COM TO
Regulation State
Regulation
Default
LIN
Regulation
(*) Considered timeout depends on the wakeup
sources. If no LIN activity is detected (device
wakeup by phase) device consider PH TO. If LIN
activity is detected, adopted timeout is LIN TO,
independently of the wakeup event.
(**) In case REG_AUS = 0x1, EXC is disabled
when VBSPLINRG = 10.6.
Standby
Pre-Excitation
(LIN TO) OR
(PH TO) OR
LIN Sleep Command
LIN Activity
PH Activity
VBSPLINRG ≠ 10.6
&&
FAULT OFF
FAULT ON
Wake Up
Safety
(EXC OFF)
LIN COM TO
OR
VBSPLINRG = 10.6
ss,x
(N>Nstart)
(N<Nstart)
N<Nstart
(**)
(*)
1.5.1
Standby
Device conditions to enter in stand-by mode:
•
LIN time-out or phase time-out;
•
LIN sleep command.
Device considers two different timeouts to go back to standby from wake up: LIN timeout and phase timeout.
LIN timeout means: no activity on LIN bus during specified time (see tLIN_to parameter).
Phase timeout means: no activity on phase signal during a specified time (see tPH_to parameter).
Standby entrance from Wake Up state can be done accordingly to one of the two timeouts. In case no LIN activity
is detected (wake up by phase), device goes in standby if no more PH activity occurs for longer than tPH_to.
If LIN activity is detected, device transition from Wake Up to Standby uses tLIN_to independently of the wake up
source.
The standby mode can even be forced by ECU sending LIN sleep command.
In stand-by state the device has:
•
No excitation. Duty cycle (DC) on EXC pin is equal to zero.
•
Current consumption aligned to IBstbyL80, IBstbyH80, according to the internal temperature.
In this state the device needs a small amount of quiescent current to supply logic, phase detector and LIN
receiver only.
When device is supplied after a shutdown, as soon as the voltage reaches VBPOR threshold, the digital block in
charge of evaluate input coming from PH and LIN pins is initialized. For this reason only B+ levels higher than
VBPOR can ensure device wakeup functionalities.
1.5.2
Wake-up
This state is reached from Standby if at least one of the following wake up sources occur:
•
Activity is detected on LIN bus (LIN wakeup event selected by LIN_WAKEUP_PATTERN NVM bits,
accordingly to LIN specification document).
•
Activity on PH pin is detected (VPStartTh).
Wake up state can also be accessed from Pre-excitation state in case no valid communication is provided for
more than LIN COM timeout (tLIN_COM) or in case VBSPLINRG = 10.6 is received.
L9918
State diagram
DS13000 - Rev 2
page 8/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com