Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 89Page - STMicroelectronics L9918 Datasheet HTML 90Page - STMicroelectronics L9918 Datasheet HTML 91Page - STMicroelectronics L9918 Datasheet HTML 92Page - STMicroelectronics L9918 Datasheet HTML 93Page - STMicroelectronics L9918 Datasheet HTML 94Page - STMicroelectronics L9918 Datasheet HTML 95Page - STMicroelectronics L9918 Datasheet HTML 96Page - STMicroelectronics L9918 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 109 page
background image
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
00101100
134 < TJ < 138
01101100
> 200
10101100
> 200
11101100
> 200
00101101
138 < TJ < 142
01101101
> 200
10101101
> 200
11101101
> 200
00101110
142 < TJ < 146
01101110
> 200
10101110
> 200
11101110
> 200
00101111
146 < TJ < 150
01101111
> 200
10101111
> 200
11101111
> 200
00110000
150 < TJ < 154
01110000
> 200
10110000
> 200
11110000
> 200
00110001
154 < TJ < 158
01110001
> 200
10110001
> 200
11110001
> 200
00110010
158 < TJ < 162
01110010
> 200
10110010
> 200
11110010
>200
00110011
162 < TJ <166
01110011
> 200
10110011
> 200
11110011
> 200
00110100
166 < TJ <170
01110100
> 200
10110100
> 200
11110100
> 200
00110101
170 < TJ <174
01110101
> 200
10110101
> 200
11110101
> 200
00110110
174 < TJ <178
01110110
> 200
10110110
> 200
11110110
> 200
00110111
178 < TJ <182
01110111
> 200
10110111
> 200
11110111
> 200
00111000
182 < TJ <186
01111000
> 200
10111000
> 200
11111000
> 200
00111001
186 < TJ <190
01111001
> 200
10111001
> 200
11111001
> 200
00111010
190 < TJ <194
01111010
> 200
10111010
> 200
11111010
> 200
00111011
194 < TJ <198
01111011
> 200
10111011
> 200
11111011
> 200
00111100
198 < TJ <200
01111100
> 200
10111100
> 200
11111100
> 200
00111101
>200
01111101
> 200
10111101
> 200
11111101
> 200
00111110
>200
01111110
> 200
10111110
> 200
11111110
> 200
00111111
>200
01111111
> 200
10111111
> 200
11111111
> 200
Table 59. Device Junction Temperature 8 bit reference version C and E
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
00000000
<-40
01000000
24
10000000
88
11000000
152
00000001
-39
01000001
25
10000001
89
11000001
153
00000010
-38
01000010
26
10000010
90
11000010
154
00000011
-37
01000011
27
10000011
91
11000011
155
00000100
-36
01000100
28
10000100
92
11000100
156
00000101
-35
01000101
29
10000101
93
11000101
157
00000110
-34
01000110
30
10000110
94
11000110
158
00000111
-33
01000111
31
10000111
95
11000111
159
00001000
-32
01001000
32
10001000
96
11001000
160
00001001
-31
01001001
33
10001001
97
11001001
161
00001010
-30
01001010
34
10001010
98
11001010
162
00001011
-29
01001011
35
10001011
99
11001011
163
00001100
-28
01001100
36
10001100
100
11001100
164
00001101
-27
01001101
37
10001101
101
11001101
165
00001110
-26
01001110
38
10001110
102
11001110
166
00001111
-25
01001111
39
10001111
103
11001111
167
00010000
-24
01010000
40
10010000
104
11010000
168
L9918
Junction temperature measure
DS13000 - Rev 2
page 93/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com