Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 28Page - STMicroelectronics L9918 Datasheet HTML 29Page - STMicroelectronics L9918 Datasheet HTML 30Page - STMicroelectronics L9918 Datasheet HTML 31Page - STMicroelectronics L9918 Datasheet HTML 32Page - STMicroelectronics L9918 Datasheet HTML 33Page - STMicroelectronics L9918 Datasheet HTML 34Page - STMicroelectronics L9918 Datasheet HTML 35Page - STMicroelectronics L9918 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
VBusdom
Receiver dominant state
0.4 * B+
V
Vth_rec
Receiver threshold voltage dominant to
recessive state)
0.5 * B+
0.55 * B+
0.6 * B+
V
VBusrec
Receiver recessive state
0.6 * B+
V
VLIN_CNT
Centering
VLIN_CNT = (Vth_dom + Vth_rec)/2
0.475 * B
+
0.5 * B+
0.525 * B
+
V
Vth_HYS
Receiver hysteresis Vth_HYS = Vth_rec -
Vth_dom
0.07 * B+
0.1 * B+
0.175 * B
+
V
tBFS
Accuracy of the byte field detection
2/16
Bit
time
tEBS
Earliest bit sample time tEBS ≤ tLBS
7/16
Bit
time
tLBS
Latest bit sample time tLBS ≥ tEBS
8/16
Bit
time
tWUDEL
Time for valid LIN communication after
Wake up event
208
μs
VTHwkup
Activation threshold for wake-up
comparator
1.0
1.5
2
V
VTHwkdwn
Activation threshold for wake-up
comparator
(B+) - 3.5
(B+) - 2.5
(B+) - 1.5
V
tLINBUS
LIN Bus Wake-up Dominant Filter time
Sleep mode; edge: rec-dom
64
μs
tdom_LIN
LIN Bus Wake-up Dominant Filter time
Sleep mode; edge: rec-dom-rec
56
μs
D1
Duty cycle D1 Valid for 20 kBaud
THREC(max) = 0.744 * VB+,
THDOM(max) = 0.581 * VB+,
VB+=7.0 V to 18 V,
tBIT = 50 μs,
D1 = tBUS_rec(min) / (2*tBIT) (1)
0.396
%
D2
Duty cycle D2 Valid for 20 kBaud
THREC(min) = 0.422 x VB+,
THDOM(min) = 0.284 x VB+,
VB+ = 7.6 V to 18 V,
tBIT = 50 μs,
D2 = tBUS − rec(max) / (2tBIT) (1)
0.581
%
D3
Duty cycle D3 Valid for 10.4 kBaud
THREC(max) = 0.778 x VB+,
THDOM(max) = 0.616 x VB+,
VB+ = 7.0 V to 18 V,
tBIT = 96μs,
D3 = tBUS − rec(min) / (2tBIT) (1)
0.417
%
D4
Duty cycle D4 Valid for 10.4 kBaud
THREC(min) = 0.389 x VB+,
THDOM(min) = 0.251 x VB+,
VB+ = 7.6 V to 18 V,
tBIT = 96μs,
D4 = tBUS − rec(max) / (2tBIT) (1)
0.59
%
L9918
LIN Physical layer
DS13000 - Rev 2
page 32/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com