Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 94 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 90Page - STMicroelectronics L9918 Datasheet HTML 91Page - STMicroelectronics L9918 Datasheet HTML 92Page - STMicroelectronics L9918 Datasheet HTML 93Page - STMicroelectronics L9918 Datasheet HTML 94Page - STMicroelectronics L9918 Datasheet HTML 95Page - STMicroelectronics L9918 Datasheet HTML 96Page - STMicroelectronics L9918 Datasheet HTML 97Page - STMicroelectronics L9918 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
00010001
-23
01010001
41
10010001
105
11010001
169
00010010
-22
01010010
42
10010010
106
11010010
170
00010011
-21
01010011
43
10010011
107
11010011
171
00010100
-20
01010100
44
10010100
108
11010100
172
00010101
-19
01010101
45
10010101
109
11010101
173
00010110
-18
01010110
46
10010110
110
11010110
174
00010111
-17
01010111
47
10010111
111
11010111
175
00011000
-16
01011000
48
10011000
112
11011000
176
00011001
-15
01011001
49
10011001
113
11011001
177
00011010
-14
01011010
50
10011010
114
11011010
178
00011011
-13
01011011
51
10011011
115
11011011
179
00011100
-12
01011100
52
10011100
116
11011100
180
00011101
-11
01011101
53
10011101
117
11011101
181
00011110
-10
01011110
54
10011110
118
11011110
182
00011111
-9
01011111
55
10011111
119
11011111
183
00100000
-8
01100000
56
10100000
120
11100000
184
00100001
-7
01100001
57
10100001
121
11100001
185
00100010
-6
01100010
58
10100010
122
11100010
186
00100011
-5
01100011
59
10100011
123
11100011
187
00100100
-4
01100100
60
10100100
124
11100100
188
00100101
-3
01100101
61
10100101
125
11100101
189
00100110
-2
01100110
62
10100110
126
11100110
190
00100111
-1
01100111
63
10100111
127
11100111
191
00101000
0
01101000
64
10101000
128
11101000
192
00101001
1
01101001
65
10101001
129
11101001
193
00101010
2
01101010
66
10101010
130
11101010
194
00101011
3
01101011
67
10101011
131
11101011
195
00101100
4
01101100
68
10101100
132
11101100
196
00101101
5
01101101
69
10101101
133
11101101
197
00101110
6
01101110
70
10101110
134
11101110
198
00101111
7
01101111
71
10101111
135
11101111
199
00110000
8
01110000
72
10110000
136
11110000
200
00110001
9
01110001
73
10110001
137
11110001
> 200
00110010
10
01110010
74
10110010
138
11110010
> 200
00110011
11
01110011
75
10110011
139
11110011
> 200
00110100
12
01110100
76
10110100
140
11110100
> 200
00110101
13
01110101
77
10110101
141
11110101
> 200
00110110
14
01110110
78
10110110
142
11110110
> 200
00110111
15
01110111
79
10110111
143
11110111
> 200
00111000
16
01111000
80
10111000
144
11111000
>200
00111001
17
01111001
81
10111001
145
11111001
> 200
L9918
Junction temperature measure
DS13000 - Rev 2
page 94/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com