Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 89 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 85Page - STMicroelectronics L9918 Datasheet HTML 86Page - STMicroelectronics L9918 Datasheet HTML 87Page - STMicroelectronics L9918 Datasheet HTML 88Page - STMicroelectronics L9918 Datasheet HTML 89Page - STMicroelectronics L9918 Datasheet HTML 90Page - STMicroelectronics L9918 Datasheet HTML 91Page - STMicroelectronics L9918 Datasheet HTML 92Page - STMicroelectronics L9918 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 109 page
background image
Code
BV (V)
Code
BV (V)
Code
BV (V)
Code
BV (V)
00010001
9.7
01010001
16.1
10010001
22.5
11010001
-
00010010
9.8
01010010
16.2
10010010
22.6
11010010
-
00010011
9.9
01010011
16.3
10010011
22.7
11010011
-
00010100
10
01010100
16.4
10010100
22.8
11010100
-
00010101
10.1
01010101
16.5
10010101
22.9
11010101
-
00010110
10.2
01010110
16.6
10010110
23
11010110
-
00010111
10.3
01010111
16.7
10010111
23.1
11010111
-
00011000
10.4
01011000
16.8
10011000
23.2
11011000
-
00011001
10.5
01011001
16.9
10011001
23.3
11011001
-
00011010
10.6
01011010
17
10011010
23.4
11011010
-
00011011
10.7
01011011
17.1
10011011
23.5
11011011
-
00011100
10.8
01011100
17.2
10011100
23.6
11011100
-
00011101
10.9
01011101
17.3
10011101
23.7
11011101
-
00011110
11
01011110
17.4
10011110
23.8
11011110
-
00011111
11.1
01011111
17.5
10011111
23.9
11011111
-
00100000
11.2
01100000
17.6
10100000
≥24
11100000
-
00100001
11.3
01100001
17.7
10100001
-
11100001
-
00100010
11.4
01100010
17.8
10100010
-
11100010
-
00100011
11.5
01100011
17.9
10100011
-
11100011
-
00100100
11.6
01100100
18
10100100
-
11100100
-
00100101
11.7
01100101
18.1
10100101
-
11100101
-
00100110
11.8
01100110
18.2
10100110
-
11100110
-
00100111
11.9
01100111
18.3
10100111
-
11100111
-
00101000
12
01101000
18.4
10101000
-
11101000
-
00101001
12.1
01101001
18.5
10101001
-
11101001
-
00101010
12.2
01101010
18.6
10101010
-
11101010
-
00101011
12.3
01101011
18.7
10101011
-
11101011
-
00101100
12.4
01101100
18.8
10101100
-
11101100
-
00101101
12.5
01101101
18.9
10101101
-
11101101
-
00101110
12.6
01101110
19
10101110
-
11101110
-
00101111
12.7
01101111
19.1
10101111
-
11101111
-
00110000
12.8
01110000
19.2
10110000
-
11110000
-
00110001
12.9
01110001
19.3
10110001
-
11110001
-
00110010
13
01110010
19.4
10110010
-
11110010
-
00110011
13.1
01110011
19.5
10110011
-
11110011
-
00110100
13.2
01110100
19.6
10110100
-
11110100
-
00110101
13.3
01110101
19.7
10110101
-
11110101
-
00110110
13.4
01110110
19.8
10110110
-
11110110
-
00110111
13.5
01110111
19.9
10110111
-
11110111
-
00111000
13.6
01111000
20
10111000
-
11111000
-
00111001
13.7
01111001
20.1
10111001
-
11111001
-
L9918
Battery voltage measure
DS13000 - Rev 2
page 89/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com