Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 51Page - STMicroelectronics L9918 Datasheet HTML 52Page - STMicroelectronics L9918 Datasheet HTML 53Page - STMicroelectronics L9918 Datasheet HTML 54Page - STMicroelectronics L9918 Datasheet HTML 55Page - STMicroelectronics L9918 Datasheet HTML 56Page - STMicroelectronics L9918 Datasheet HTML 57Page - STMicroelectronics L9918 Datasheet HTML 58Page - STMicroelectronics L9918 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
PRCH_LRC_EN
1
0x0
disable
Enable a fixed EXC duty cycle increasing slope
when B+ voltage returns over the Low Voltage
function threshold (VLOW).
0x1
enable
PWM_FREQ
2
0x0
400 Hz
PWM frequency control
0x1
300 Hz
0x2
240 Hz
0x3
200 Hz
SST_ULIM_TV0_EN
1
0x0
disable
Enable/disable pre-excitation duty cycle switching to
0% instead of 8% @B+>VB+_LIM
0x1
enable
SV_FORD_EN
1
0x0
disable
Enable/disable pre-excitation special mode
0x1
enable
PWM_MINEIN
3
0x0
1
Minimum DC of the EXC signal. If 000 → min DC is
(1/128)*100 [%]. If 111 → min DC is (8/128)*100 [%].
Not applied when regulation loop set DC = 100% or
DC = 0%.
0x1
2
0x2
3
0x3
4
0x4
5
0x5
6
0x6
7
0x7
8
PWM_MINAUS
3
0x0
126
Maximum DC of the EXC signal. If 000 → max
DC is (126/128)*100 [%]. If 111 → max DC is
(119/128)*100 [%]. Not applied when regulation loop
set DC = 100% or DC = 0%.
0x1
125
0x2
124
0x3
123
0x4
122
0x5
121
0x6
120
0x7
119
IFELD_MAXB
2
0x0
13 A
Excitation current limitation (major priority respect to
LIN current limitation threshold)
0x1
I_MAX
0x2
11 A
0x3
12 A
I_MAX
3
0x0
6.0 A
Current limitation threshold
0x1
7.0 A
0x2
8.0 A
0x3
10.0 A
0x4
11.0 A
0x5
12.0 A
0x6
13.0 A
0x7
no limit
IFELD_OFFSET
3
0x0
Disabled
Current limitation threshold correction offset
L9918
NVM parameters table
DS13000 - Rev 2
page 55/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com