Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 13Page - STMicroelectronics L9918 Datasheet HTML 14Page - STMicroelectronics L9918 Datasheet HTML 15Page - STMicroelectronics L9918 Datasheet HTML 16Page - STMicroelectronics L9918 Datasheet HTML 17Page - STMicroelectronics L9918 Datasheet HTML 18Page - STMicroelectronics L9918 Datasheet HTML 19Page - STMicroelectronics L9918 Datasheet HTML 20Page - STMicroelectronics L9918 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
2.2.4
UV/OV management
Overvoltage Safety function
For safety reason this function is implemented with independent circuitry respect to the Overvoltage function.
Safety Overvoltage function switches OFF the excitation driver through a dedicated path in order to guarantee
that the function is always properly operated.
Safety Overvoltage detection is referred to VBOV_safetyL,H thresholds and it is applied after TOVflt_safetyL,H filter
time. Such time is used even to calculate the elapsing of Safety Overvoltage condition.
Whenever the device exits the stand-by state, the safety overvoltage detection is disabled for 2 minutes in order
to guarantee the jump start functionality. Jump start inhibits OV safety functions but it doesn’t inhibit OV function
(related to U_FELD_AUS).
Overvoltage function:
Overvoltage beyond VBOV,x due to, i.e., switching off of electrical loads, leads to switching off the output stage, if
present for longer than VBOVft,x. To avoid complete de-energizing of the alternator, phase regulation function can
be enabled during Overvoltage function (LD_NR_DIS NVM bit). When Overvoltage condition is over, regulation
re-adjusts to the set value. The function is active in “Regulation” state only (please refer to Section 1.5 State
diagram).
The level for Overvoltage function activation and the correspondent filter time are defined by U_FELD_AUS and
U_FELD_AUS_TIME NVM bits.
Low voltage function:
In case of high electrical load switching-on, especially with defect or missing battery, the voltage of the power net
can drop to low values. If the voltage falls under the minimum operating voltage, the alternator can de-energize.
The duration of the voltage drop is minimized with the activation of the power stage as soon as, for longer than
VBLVft,x voltage drops below VLOW. While the low voltage function is active, EXC current limitation set via LIN
is disabled. When B+ rises again over VLOW, an active load response will smoothly resume its operation. The
(VLOW) threshold value is selectable by NVM bits (U_FELD_EIN).
Low voltage function can be enabled or disabled programming PRIORITY_CH_DIS bit.
Low voltage function can be implemented by two different strategies selectable by PRCH_LRC_EN NVM bit.
In case PRCH_LRC_EN = 0x0, PRIORITY_CH_DIS=0x0 is selected, 100 % EXC duty cycle is applied until B+
value returns greater than VLOW. Once this threshold is crossed, adopted EXC duty cycle is the one calculated by
the voltage regulation loop.
For PRCH_LRC_EN = 0x1, PRIORITY_CH_DIS = 0x0, Low voltage function behaviour is depicted in Figure 7:
when low voltage function is activated, 100 % EXC DC is applied until B+ crosses VLOW threshold. For B+
values greater than VLOW, a fixed DC increasing slope (0.78 % every EXC period) is applied.
In case, PRCH_LRC_EN = 0x0, PRIORITY_CH_DIS = 0x1, low voltage function is deactivated and EXC duty
cycle is the one calculated by the voltage regulation loop.
For PRCH_LRC_EN = 0x1, PRIORITY_CH_DIS = 0x1, low voltage function is deactivated and EXC duty cycle for
both B+ lower than VLOW and above VLOW , a fixed DC increasing slope (0.78 % every EXC period) is applied.
When detected, the electrical fault F_E is set to 1 if the “F-EL on Low Voltage” bit (ANZ_LV_EN) of NVM bit has
been set to 1.
L9918
B+ characteristics
DS13000 - Rev 2
page 17/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com