Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 92 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 88Page - STMicroelectronics L9918 Datasheet HTML 89Page - STMicroelectronics L9918 Datasheet HTML 90Page - STMicroelectronics L9918 Datasheet HTML 91Page - STMicroelectronics L9918 Datasheet HTML 92Page - STMicroelectronics L9918 Datasheet HTML 93Page - STMicroelectronics L9918 Datasheet HTML 94Page - STMicroelectronics L9918 Datasheet HTML 95Page - STMicroelectronics L9918 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
00000011
-30 < TJ < -26
01000011
> 200
10000011
> 200
11000011
> 200
00000100
-26 < TJ < -22
01000100
> 200
10000100
> 200
11000100
> 200
00000101
-22 < TJ < -18
01000101
> 200
10000101
> 200
11000101
> 200
00000110
-18 < TJ < -14
01000110
> 200
10000110
> 200
11000110
> 200
00000111
-14 < TJ < -10
01000111
> 200
10000111
> 200
11000111
> 200
00001000
-10 < TJ < -6
01001000
> 200
10001000
> 200
11001000
> 200
00001001
-6 < TJ < -2
01001001
> 200
10001001
> 200
11001001
> 200
00001010
-2 < TJ < 2
01001010
> 200
10001010
> 200
11001010
> 200
00001011
2 < TJ < 6
01001011
> 200
10001011
> 200
11001011
> 200
00001100
6 < TJ < 10
01001100
> 200
10001100
> 200
11001100
> 200
00001101
10 < TJ < 14
01001101
> 200
10001101
> 200
11001101
> 200
00001110
14 < TJ < 18
01001110
> 200
10001110
> 200
11001110
> 200
00001111
18 < TJ < 22
01001111
> 200
10001111
> 200
11001111
> 200
00010000
22 < TJ < 26
01010000
> 200
10010000
> 200
11010000
> 200
00010001
26 < TJ < 30
01010001
> 200
10010001
> 200
11010001
> 200
00010010
30 < TJ < 34
01010010
> 200
10010010
> 200
11010010
> 200
00010011
34 < TJ < 38
01010011
> 200
10010011
> 200
11010011
> 200
00010100
38 < TJ < 42
01010100
> 200
10010100
> 200
11010100
> 200
00010101
42 < TJ < 46
01010101
> 200
10010101
> 200
11010101
> 200
00010110
46 < TJ < 50
01010110
> 200
10010110
> 200
11010110
> 200
00010111
50 < TJ < 54
01010111
> 200
10010111
> 200
11010111
> 200
00011000
54 < TJ < 58
01011000
> 200
10011000
> 200
11011000
> 200
00011001
58 < TJ < 62
01011001
> 200
10011001
> 200
11011001
> 200
00011010
62 < TJ < 66
01011010
> 200
10011010
> 200
11011010
> 200
00011011
66 < TJ < 70
01011011
> 200
10011011
> 200
11011011
> 200
00011100
70 < TJ < 74
01011100
> 200
10011100
> 200
11011100
> 200
00011101
74 < TJ < 78
01011101
> 200
10011101
> 200
11011101
> 200
00011110
78 < TJ < 82
01011110
> 200
10011110
> 200
11011110
> 200
00011111
82 < TJ < 86
01011111
> 200
10011111
> 200
11011111
> 200
00100000
86 < TJ < 90
01100000
> 200
10100000
> 200
11100000
> 200
00100001
90 < TJ < 94
01100001
> 200
10100001
> 200
11100001
> 200
00100010
94 < TJ < 98
01100010
> 200
10100010
> 200
11100010
> 200
00100011
98 < TJ < 102
01100011
> 200
10100011
> 200
11100011
> 200
00100100
102 < TJ < 106
01100100
> 200
10100100
> 200
11100100
> 200
00100101
106 < TJ < 110
01100101
> 200
10100101
> 200
11100101
> 200
00100110
110 < TJ < 114
01100110
> 200
10100110
> 200
11100110
> 200
00100111
114 < TJ < 118
01100111
> 200
10100111
> 200
11100111
> 200
00101000
118 < TJ < 122
01101000
> 200
10101000
> 200
11101000
> 200
00101001
122 < TJ < 126
01101001
> 200
10101001
> 200
11101001
> 200
00101010
126 < TJ < 130
01101010
> 200
10101010
> 200
11101010
> 200
00101011
130 < TJ < 134
01101011
> 200
10101011
> 200
11101011
> 200
L9918
Junction temperature measure
DS13000 - Rev 2
page 92/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com