Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 16Page - STMicroelectronics L9918 Datasheet HTML 17Page - STMicroelectronics L9918 Datasheet HTML 18Page - STMicroelectronics L9918 Datasheet HTML 19Page - STMicroelectronics L9918 Datasheet HTML 20Page - STMicroelectronics L9918 Datasheet HTML 21Page - STMicroelectronics L9918 Datasheet HTML 22Page - STMicroelectronics L9918 Datasheet HTML 23Page - STMicroelectronics L9918 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 109 page
background image
3
Phase sense input - PH pin
Unless otherwise specified, all the electrical characteristics provided in this chapter refers to Tj between -40 °C
and 150 °C.
3.1
PH electrical characteristic
Table 8. PH electrical characteristic
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
VPStartTh
Minimum peak to peak voltage on the
phase to wake up the regulator
Phase average
voltage is 0 V
150
200
500
mV
VPHThREG,1
Phase regulation high threshold used
when device is into regulation state.
(KLV_NRSW)
4.0
V
VPHThREG,2
5.5
V
VPHThREG,3
7.0
V
VPHThREG,4
7.7
V
VPHThREG,5
9.0
V
VPHThREG,6
9.5
V
VPHThREG,7
10.2
V
VPHThREG,8
10.4
V
VPHThREG,9
10.6
V
VPHThREG,10
10.8
V
VPHThREG,11
11.0
V
VPHThREG,12
11.2
V
VPHThREG,13
11.4
V
VPHThREG,14
11.6
V
VPHThREG,15
11.8
V
VPHThREG,16
12.0
V
VPHThSS,1
Phase regulation high threshold used
when device is out from regulation state.
(KLV_USSW)
6.0
V
VPHThSS,2
6.2
V
VPHThSS,3
6.4
V
VPHThSS,4
6.6
V
VPHThSS,5
6.8
V
VPHThSS,6
7.0
V
VPHThSS,7
7.2
V
VPHThSS,8
7.4
V
VPHThSS,9
7.6
V
VPHThSS,10
7.8
V
VPHThSS,11
8.0
V
VPHThSS,12
8.2
V
L9918
Phase sense input - PH pin
DS13000 - Rev 2
page 20/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com