Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 95 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 91Page - STMicroelectronics L9918 Datasheet HTML 92Page - STMicroelectronics L9918 Datasheet HTML 93Page - STMicroelectronics L9918 Datasheet HTML 94Page - STMicroelectronics L9918 Datasheet HTML 95Page - STMicroelectronics L9918 Datasheet HTML 96Page - STMicroelectronics L9918 Datasheet HTML 97Page - STMicroelectronics L9918 Datasheet HTML 98Page - STMicroelectronics L9918 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
00111010
18
01111010
82
10111010
146
11111010
> 200
00111011
19
01111011
83
10111011
147
11111011
> 200
00111100
20
01111100
84
10111100
148
11111100
> 200
00111101
21
01111101
85
10111101
149
11111101
> 200
00111110
22
01111110
86
10111110
150
11111110
> 200
00111111
23
01111111
87
10111111
151
11111111
> 200
Table 60. TJ6 – Device Junction Temperature 6 bit reference version D
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
Code
TJ (°C)
000000
-40
010000
16
100000
72
110000
128
000001
-36.5
010001
19.5
100001
75.5
110001
131.5
000010
-33
010010
23
100010
79
110010
135
000011
-29.5
010011
26.5
100011
82.5
110011
138.5
000100
-26
010100
30
100100
86
110100
142
000101
-22.5
010101
33.5
100101
89.5
110101
145.5
000110
-19
010110
37
100110
93
110110
149
000111
-15.5
010111
40.5
100111
96.5
110111
152.5
001000
-12
011000
44
101000
100
111000
156
001001
-8.5
011001
47.5
101001
103.5
111001
159.5
001010
-5
011010
51
101010
107
111010
163
001011
-1.5
011011
54.5
101011
110.5
111011
166.5
001100
2
011100
58
101100
114
111100
170
001101
5.5
011101
61.5
101101
117.5
111101
173.5
001110
9
011110
65
101110
121
111110
177
001111
12.5
011111
68.5
101111
124.5
111111
≥180.5
A.12
Set point voltage
Table 61. VSPFBK8 – Vsetpoint feedback 8 bit reference version A
Code
VSET (V)
Code
VSET (V)
Code
VSET (V)
Code
VSET (V)
00000000
10.6
01000000
10000000
11000000
00000001
10.7
01000001
10000001
11000001
00000010
10.8
01000010
10000010
11000010
00000011
10.9
01000011
10000011
11000011
00000100
11
01000100
10000100
11000100
00000101
11.1
01000101
10000101
11000101
00000110
11.2
01000110
10000110
11000110
00000111
11.3
01000111
10000111
11000111
00001000
11.4
01001000
10001000
11001000
00001001
11.5
01001001
10001001
11001001
L9918
Set point voltage
DS13000 - Rev 2
page 95/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com