Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 29Page - STMicroelectronics L9918 Datasheet HTML 30Page - STMicroelectronics L9918 Datasheet HTML 31Page - STMicroelectronics L9918 Datasheet HTML 32Page - STMicroelectronics L9918 Datasheet HTML 33Page - STMicroelectronics L9918 Datasheet HTML 34Page - STMicroelectronics L9918 Datasheet HTML 35Page - STMicroelectronics L9918 Datasheet HTML 36Page - STMicroelectronics L9918 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
trx_pd
Propagation delay of receiver
(TRX_PD = MAX
(tREC_PDR, tREC_PDF)) (internal
timing, from physical layer to data
layer logic)
6
μs
trx_sym
Symmetry of receiver propagation delay
rising edge w.r.t. falling edge
(TRX_SYM = tREC_PDF - tREC_PDR)
-2
2
μs
LINautobaud_range Baud rate selection on transceiver
Automatic selection of one of the
baud rate slots
1
20
kHz
tLIN_COM
LIN COM timeout
3
s
tLIN_to,1
Timeout LIN
LIN 1.3
25000
Bit
time
tLIN_to,2
LIN 2.x
4
5
10
s
1. Bus load conditions (CBUS ; RBUS): 1nF; 1kΩ / 6,8nF;660Ω / 10nF;500Ω
5.2
Message frames
Every data transfer is initiated from the master by sending a “header”. This header contains a synch-break field, a
synch byte and a frame identifier byte. The frame identifier byte defines the response, which is sent by the master
(RX) or the slave (TX) immediately after the header. The response contains 1 to 8 data bytes and one checksum
byte (end of frame). Communication protocol of the regulator implements only 2, 4 and 8 bytes responses.
The producer of any information is called “Publisher” and the consumer of this information is called “Subscriber”.
Except the synch-break field, LIN frames are byte oriented and the LIN specification allows a delay between bytes
(inter-byte delay). Every byte consists of a start bit, 8 data bits and one stop bit. Bits are encoded with value 0
(dominant) or 1 (recessive). The LSB is the first bit and the MSB the last bit in a bit stream of a data byte.
5.3
LIN Frames
L9918 addresses many possible frame configurations in order to satisfy requirements coming from many system
architectures.
Once a frame configuration is selected, the device is programmed to answer to the correspondent IDs with a
specific frame architecture. For example, referring to Table 11, in case LIN1 – Version A is selected, device will
answer to the frame IDs reported in the correspondent raw (ID = 29 for RX frame, ID = 11 for TX1 frame etc.).
Furthermore the frame architecture (i.e. the reported data, data location into frames etc.) will be compliant with
Section 5.3.1.1 Rx Frame version-A description.
LIN frames configuration can be selected by NVM (LIN_CFG) to fit the largest number of applications. Table 11
summarizes the fifteen LIN configurations available. Configuration details are listed in the following tables and
their description begins in Section 5.3.1 Message frame for configuration version-A.
Table 11. LIN frame configurations
Version
LIN CFG ID
Frame Type/#Bytes
Identifier Hex
ALL
Accepted only in Wake-UP, Pre-
Excitation modes
Rx
3C
Tx
3D
Frames Ignored
3E
3F
Version A
LIN1
Rx_A (4 bytes)
29
Tx_1A (2 bytes)
11
Tx_2A (2 bytes)
12
Tx_3A (4 bytes)
15
LIN2
Rx_A (4 bytes)
2A
L9918
Message frames
DS13000 - Rev 2
page 33/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com