Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 98 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 94Page - STMicroelectronics L9918 Datasheet HTML 95Page - STMicroelectronics L9918 Datasheet HTML 96Page - STMicroelectronics L9918 Datasheet HTML 97Page - STMicroelectronics L9918 Datasheet HTML 98Page - STMicroelectronics L9918 Datasheet HTML 99Page - STMicroelectronics L9918 Datasheet HTML 100Page - STMicroelectronics L9918 Datasheet HTML 101Page - STMicroelectronics L9918 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 109 page
background image
Code
VSET (V)
Code
VSET (V)
Code
VSET (V)
Code
VSET (V)
00011000
11.2
01011000
12.8
10011000
14.4
11011000
16
00011001
11.225
01011001
12.825
10011001
14.425
11011001
16
00011010
11.25
01011010
12.85
10011010
14.45
11011010
16
00011011
11.275
01011011
12.875
10011011
14.475
11011011
16
00011100
11.3
01011100
12.9
10011100
14.5
11011100
16
00011101
11.325
01011101
12.925
10011101
14.525
11011101
16
00011110
11.35
01011110
12.95
10011110
14.55
11011110
16
00011111
11.375
01011111
12.975
10011111
14.575
11011111
16
00100000
11.4
01100000
13
10100000
14.6
11100000
16
00100001
11.425
01100001
13.025
10100001
14.625
11100001
16
00100010
11.45
01100010
13.05
10100010
14.65
11100010
16
00100011
11.475
01100011
13.075
10100011
14.675
11100011
16
00100100
11.5
01100100
13.1
10100100
14.7
11100100
16
00100101
11.525
01100101
13.125
10100101
14.725
11100101
16
00100110
11.55
01100110
13.15
10100110
14.75
11100110
16
00100111
11.575
01100111
13.175
10100111
14.775
11100111
16
00101000
11.6
01101000
13.2
10101000
14.8
11101000
16
00101001
11.625
01101001
13.225
10101001
14.825
11101001
16
00101010
11.65
01101010
13.25
10101010
14.85
11101010
16
00101011
11.675
01101011
13.275
10101011
14.875
11101011
16
00101100
11.7
01101100
13.3
10101100
14.9
11101100
16
00101101
11.725
01101101
13.325
10101101
14.925
11101101
16
00101110
11.75
01101110
13.35
10101110
14.95
11101110
16
00101111
11.775
01101111
13.375
10101111
14.975
11101111
16
00110000
11.8
01110000
13.4
10110000
15
11110000
16
00110001
11.825
01110001
13.425
10110001
15.025
11110001
16
00110010
11.85
01110010
13.45
10110010
15.05
11110010
16
00110011
11.875
01110011
13.475
10110011
15.075
11110011
16
00110100
11.9
01110100
13.5
10110100
15.1
11110100
16
00110101
11.925
01110101
13.525
10110101
15.125
11110101
16
00110110
11.95
01110110
13.55
10110110
15.15
11110110
16
00110111
11.975
01110111
13.575
10110111
15.175
11110111
16
00111000
12
01111000
13.6
10111000
15.2
11111000
16
00111001
12.025
01111001
13.625
10111001
15.225
11111001
16
00111010
12.05
01111010
13.65
10111010
15.25
11111010
16
00111011
12.075
01111011
13.675
10111011
15.275
11111011
16
00111100
12.1
01111100
13.7
10111100
15.3
11111100
16
00111101
12.125
01111101
13.725
10111101
15.325
11111101
16
00111110
12.15
01111110
13.75
10111110
15.35
11111110
16
00111111
12.175
01111111
13.775
10111111
15.375
11111111
16
L9918
Set point voltage
DS13000 - Rev 2
page 98/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com