Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 7Page - STMicroelectronics L9918 Datasheet HTML 8Page - STMicroelectronics L9918 Datasheet HTML 9Page - STMicroelectronics L9918 Datasheet HTML 10Page - STMicroelectronics L9918 Datasheet HTML 11Page - STMicroelectronics L9918 Datasheet HTML 12Page - STMicroelectronics L9918 Datasheet HTML 13Page - STMicroelectronics L9918 Datasheet HTML 14Page - STMicroelectronics L9918 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
1.6
Product characteristics
1.6.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
VBLD
Transient supply voltage (load dump) t <
400 ms
Vcl
V
IBond
DC pin current on EXC, B+, GND
(bonding limitation)
15
A
ESDHBM
ESD HBM (All pins vs.GND) R=1.5kΩ,
C=100pF, RT=25°C
-8
8
kV
ESDCDM
ESD CDM on EXC and PH pins
-750
750
V
ESDCDM
ESD CDM on B+ and LIN pins
-500
500
V
1.6.2
Internal clamping structure
Table 3. Internal clamping structure
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
Vcl
Internal central
clamp voltage
B+ current injected I=20mA
58
64
V
Vcl_LIN
Dedicated Clamp to
LIN pin
Current injected in LIN pin I=20mA
40
-
V
1.6.3
PIN number - absolute maximum ratings - operative range
Table 4. PIN number - absolute maximum ratings - operative range
n.
Pin
ABS max rating
operative range
Unit
Min.
Max.
Min.
Max.
1
EXC
- 2
B+
- 1.6
B+
V
2
B +
-0.3(1)-
Vcl(3)
6
18
V
3
GND
-
-
-
-
4
LIN
-27(2),(3)
Vcl_LIN
- 3
18
V
5
PH
-27(2)
Vcl
- 3
18
V
1. 3.2 V, transient 5 s.
2. Value at cold temperature: -25 V.
3. LIN and B+ AMR not valid at the same time.
1.6.4
Thermal data
Table 5. Thermal data
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
Rth_j-case
Thermal resistance junction-to-
case
Related to TO220
2
°C/W
L9918
Product characteristics
DS13000 - Rev 2
page 11/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com