Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 71Page - STMicroelectronics L9918 Datasheet HTML 72Page - STMicroelectronics L9918 Datasheet HTML 73Page - STMicroelectronics L9918 Datasheet HTML 74Page - STMicroelectronics L9918 Datasheet HTML 75Page - STMicroelectronics L9918 Datasheet HTML 76Page - STMicroelectronics L9918 Datasheet HTML 77Page - STMicroelectronics L9918 Datasheet HTML 78Page - STMicroelectronics L9918 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 109 page
background image
A.4
LRC Cut-speed tables
Table 42. LRC Cut-Speed Tables
Code
LRC-Cut Speed (RPM)
Default (2 bit)
(C1) Version: A,B,D, E, F
(C2) Version: C
0000
3000
2400
1440
0001
4000
2530
1620
0010
4800
2670
1810
0011
6000
2830
2030
0100
3000
2280
0101
3200
2560
0110
3430
2870
0111
3690
3220
1000
4000
3620
1001
4360
4060
1010
4790
4550
1011
5320
5110
1100
5990
5730
1101
6860
6430
1110
8010
7200
1111
Always active
Always active
A.5
Excitation current limitation
Table 43. D5 – Excitation current limitation 5 bit reference, version A/D
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
00000
No limitation
01000
2.0
10000
4.0
11000
6.0
00001
2.0
01001
2.25
10001
4.25
11001
6.25
00010
2.0
01010
2.50
10010
4.50
11010
6.50
00011
2.0
01011
2.75
10011
4.75
11011
6.75
00100
2.0
01100
3.0
10100
5.0
11100
7.0
00101
2.0
01101
3.25
10101
5.25
11101
7.25
00110
2.0
01110
3.50
10110
5.50
11110
7.50
00111
2.0
01111
3.75
10111
5.75
11111
7.75
Table 44. D7 - Excitation current limitation 7 bit reference, version B/F
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
Code
Exc Current (A)
0000000
No limitation
0100000
3.2
1000000
6.4
1100000
9.6
0000001
0.1
0100001
3.3
1000001
6.5
1100001
9.7
0000010
0.2
0100010
3.4
1000010
6.6
1100010
9.8
0000011
0.3
0100011
3.5
1000011
6.7
1100011
9.9
L9918
LRC Cut-speed tables
DS13000 - Rev 2
page 75/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com