Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 1 Page - STMicroelectronics

  L9918 Datasheet HTML 1Page - STMicroelectronics L9918 Datasheet HTML 2Page - STMicroelectronics L9918 Datasheet HTML 3Page - STMicroelectronics L9918 Datasheet HTML 4Page - STMicroelectronics L9918 Datasheet HTML 5Page - STMicroelectronics L9918 Datasheet HTML 6Page - STMicroelectronics L9918 Datasheet HTML 7Page - STMicroelectronics L9918 Datasheet HTML 8Page - STMicroelectronics L9918 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
Bare die
PENTAWATT In Line
GADG1604191311PS
Features
•
AEC-Q100 qualified
•
Closed loop voltage control
•
Regulated voltage with thermal compensation function
•
High side excitation driver with internal freewheeling circuit
•
Load response control (LRC) and Return LRC
•
Self-start activation by phase signal
•
Current limitation and overcurrent protection
•
Thermal protection
•
Physical Layer compliant with LIN 2.2A spec.
•
Data Link Layer compliant with LIN 1.3, 2.1, 2.2 and 2.2A specification
•
13 sets of LIN frames selectable
•
Configurable parameters (see NVM parameter table A1)
•
Configurable for 5, 6, 7, 8 or 9 pole pair alternator
•
Compliant to VDA LIN-Generator-Regulator specification
•
Full ISO26262 compliant, ASIL-B systems ready
•
Available as Bare die as well as in PENTAWATT In Line (TO220-5) package
Description
L9918 is an alternator voltage regulator equipped with LIN protocol interface.
The device is intended to be used in automotive application for 12 V systems.
The presence of NVM cells for device parameters programmability makes it suitable
for a wide range of charging application.
Product status link
L9918
Product summary
Order code
Package
Packing
L9918
PENTAWATT
In Line
(TO220-5)
Tube
L9918BDTR
Bare die
Tape&Reel
Alternator voltage regulator with LIN interface for 12 V applications
L9918
Datasheet
DS13000 - Rev 2 - September 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9918

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9911 STMICROELECTRONICS-L9911 Datasheet
186Kb / 15P
CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
07-Nov-2005
L9911 STMICROELECTRONICS-L9911 Datasheet
432Kb / 20P
Car alternator multifunction smart voltage regulator
30-Sep-2015
L9911A STMICROELECTRONICS-L9911A Datasheet
186Kb / 15P
CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
07-Nov-2005
L9911B STMICROELECTRONICS-L9911B Datasheet
186Kb / 15P
CAR ALTERNATOR MULTIFUNCTION SMART VOLTAGE REGULATOR
07-Nov-2005
L9911F STMICROELECTRONICS-L9911F Datasheet
319Kb / 19P
Car alternator multifunction smart voltage regulator
19-Sep-2013
More results

Similar Description - L9918

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRVR101 IRF-IRVR101 Datasheet
110Kb / 15P
LIN Controlled Alternator Voltage Regulator
logo
ams AG
AS8530 AMSCO-AS8530 Datasheet
893Kb / 29P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530_1 Datasheet
958Kb / 32P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530_V1 AMSCO-AS8530_V1 Datasheet
960Kb / 32P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
Freescale Semiconductor...
80310 FREESCALE-80310_12 Datasheet
858Kb / 31P
Alternator Regulator with LIN
logo
ams AG
AS8530 AMSCO-AS8530_07 Datasheet
468Kb / 33P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
NXP Semiconductors
AR6000 NXP-AR6000 Datasheet
2Mb / 103P
Alternator regulator with LIN
Rev. 5.1-12 October 2017
logo
Infineon Technologies A...
TLE8881-2 INFINEON-TLE8881-2 Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE888X INFINEON-TLE888X Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
logo
NXP Semiconductors
TC80310 NXP-TC80310 Datasheet
937Kb / 31P
Alternator regulator with LIN
Rev. 5.0, 8/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com