Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9918 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 11Page - STMicroelectronics L9918 Datasheet HTML 12Page - STMicroelectronics L9918 Datasheet HTML 13Page - STMicroelectronics L9918 Datasheet HTML 14Page - STMicroelectronics L9918 Datasheet HTML 15Page - STMicroelectronics L9918 Datasheet HTML 16Page - STMicroelectronics L9918 Datasheet HTML 17Page - STMicroelectronics L9918 Datasheet HTML 18Page - STMicroelectronics L9918 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 109 page
background image
Symbol
Parameter
Notes
Min.
Typ.
Max.
Unit
VLOW,7
Low-Voltage threshold
(U_FELD_EIN)
10.75
11
11.25
V
VLOW,8
VLOW = 9.9 V + 0.388 * (VSET -
10.6 V)
PSA
V
VB+_LIM
Set point limit threshold
16
V
VBLVft,1
Bidirectional Low-voltage filter
time (U_FELD_EIN_TIME)
529
µs
VBLVft,2
780
µs
VBLVft,3
1040
µs
VBLVft,4
1200
µs
VBPOR
Power On Reset when is elapsed
at least td time
2.7
3
V
td
Max battery interruption time
80
µs
t1
Minimum time between two
battery interruptions
1
ms
2.2
B+ characteristics
2.2.1
Set point value correction
It is possible for the customer at end of line to perform a set-point voltage value correction by dedicated NVM bits
(UR_OFFSET). The set-point voltage value can be adjusted from - 200 mV to 150 mV with steps of 50 mV. Such
voltage correction applies both to default set point (VBSPDEF) and LIN set point (VBSPLINRG).
2.2.2
Voltage regulation loop
Regulation loop circuit is composed by two main blocks: direct (or proportional) control block and feedback (or
deviation) control block.
Direct or proportional control applies an EXC DC correction which directly depends on the calculated error (which
is obtained as B+ - VBSPLINRG/VBSPDEF).
Proportional control can be selected by P_ANT NVM bits. Small values of P_ANT correspond to a high regulation
sensitivity.
Figure 6 (P_ANT regulation) reports the output voltage (B+) variation depending in the EXC DC in case only
proportional regulation is used.
Feedback (or deviation) control is a set point correction which depends on EXC DC.
Such correction shall be used in order to compensate eventual voltage drop occurring between car battery and
car loads and regulator B+.
Feedback control options can be selected by I_ANT NVM bits. High values of I_ANT correspond to a high offset
on the adopted set point. I_ANT offset is applied after a filter time selectable by I_FILT NVM bits.
Figure 6 (I_ANT variation) reports the dependency between EXC DC and B+ for various I_ANT settings.
L9918
B+ characteristics
DS13000 - Rev 2
page 15/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com